Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6551FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TB6551FG
Description  3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6551FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TB6551FG Datasheet HTML 1Page - Toshiba Semiconductor TB6551FG Datasheet HTML 2Page - Toshiba Semiconductor TB6551FG Datasheet HTML 3Page - Toshiba Semiconductor TB6551FG Datasheet HTML 4Page - Toshiba Semiconductor TB6551FG Datasheet HTML 5Page - Toshiba Semiconductor TB6551FG Datasheet HTML 6Page - Toshiba Semiconductor TB6551FG Datasheet HTML 7Page - Toshiba Semiconductor TB6551FG Datasheet HTML 8Page - Toshiba Semiconductor TB6551FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TB6551F
2002-12-24
1
TOSHIBA Bi-CMOS Integrated Circuit
Silicon Monolithic
TB6551F
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
Features
· Sine-wave PWM control
· Built-in triangular-wave generator
(carrier cycle = fosc/252 (Hz))
· Built-in lead angle control function (0° to 58° in 32 steps)
· Built-in dead time function (setting 2.6 µs or 3.8 µs)
· Supports bootstrap circuit
· Overcurrent protection signal input pin
· Built-in regulator (Vref = 5 V (typ.), 30 mA (max))
· Operating supply voltage range: VCC = 6 V to 10 V
Weight: 0.33 g (typ.)


Similar Part No. - TB6551FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6551FG TOSHIBA-TB6551FG Datasheet
374Kb / 21P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2012-09-28
More results

Similar Description - TB6551FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6556FG TOSHIBA-TB6556FG_12 Datasheet
273Kb / 22P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6584AFNG TOSHIBA-TB6584AFNG Datasheet
670Kb / 27P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2016-02-22
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6634FNG TOSHIBA-TB6634FNG Datasheet
914Kb / 29P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6551FAG TOSHIBA-TB6551FAG Datasheet
374Kb / 21P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2012-09-28
TB6581H TOSHIBA-TB6581H_06 Datasheet
584Kb / 15P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6556F TOSHIBA-TB6556F Datasheet
307Kb / 22P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6581H TOSHIBA-TB6581H Datasheet
383Kb / 14P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB67B054FTG TOSHIBA-TB67B054FTG Datasheet
460Kb / 27P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2017-10-31
TC78B041FNG TOSHIBA-TC78B041FNG Datasheet
664Kb / 44P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2019-4-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com