Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC55W1600FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC55W1600FT
Description  1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55W1600FT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC55W1600FT Datasheet HTML 1Page - Toshiba Semiconductor TC55W1600FT Datasheet HTML 2Page - Toshiba Semiconductor TC55W1600FT Datasheet HTML 3Page - Toshiba Semiconductor TC55W1600FT Datasheet HTML 4Page - Toshiba Semiconductor TC55W1600FT Datasheet HTML 5Page - Toshiba Semiconductor TC55W1600FT Datasheet HTML 6Page - Toshiba Semiconductor TC55W1600FT Datasheet HTML 7Page - Toshiba Semiconductor TC55W1600FT Datasheet HTML 8Page - Toshiba Semiconductor TC55W1600FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TC55W1600FT-55,-70
2002-02-12
3/13
OPERATING MODE
MODE
1
CE
CE2
OE
R/W
BYTE
LB
UB
I/O1~I/O8
I/O9~I/O15
I/O16
POWER
L
H
L
H
L
*
*
Output
High-Z
A-1
IDDO
L
H
L
H
H
L
L
Output
Output
Output
IDDO
L
H
L
H
H
H
L
High-Z
Output
Output
IDDO
Read
L
H
L
H
H
L
H
Output
High-Z
High-Z
IDDO
L
H
*
L
L
*
*
Input
High-Z
A-1
IDDO
L
H
*
L
H
L
L
Input
Input
Input
IDDO
L
H
*
L
H
H
L
High-Z
Input
Input
IDDO
Write
L
H
*
L
H
L
H
Input
High-Z
High-Z
IDDO
L
H
H
H
L
*
*
High-Z
High-Z
A-1
IDDO
L
H
H
H
H
L
L
High-Z
High-Z
High-Z
IDDO
L
H
H
H
H
H
L
High-Z
High-Z
High-Z
IDDO
Output Deselect
L
H
H
H
H
L
H
High-Z
High-Z
High-Z
IDDO
H
*
*
*
H or L
*
*
High-Z
High-Z
High-Z
IDDS
*
L
*
*
H or L
*
*
High-Z
High-Z
High-Z
IDDS
Standby
*
*
*
*
H
H
H
High-Z
High-Z
High-Z
IDDS
* = don't care
H = logic high
L = logic low
MAXIMUM RATINGS
SYMBOL
RATING
VALUE
UNIT
VDD
Power Supply Voltage
−0.3~3.9
V
VIN
Input Voltage
−0.3~3.9
V
VI/O
Input/Output Voltage
−0.5~VDD + 0.5
V
PD
Power Dissipation
0.6
W
Tsolder
Soldering Temperature (10s)
260
°C
Tstg
Storage Temperature
−55~150
°C
Topr
Operating Temperature
−40~85
°C
DC RECOMMENDED OPERATING CONDITIONS (Ta
==== −−−−40° to 85°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VDD
Power Supply Voltage
2.3
3.1
V
VIH
Input High Voltage
2.2
VDD + 0.3
V
VIL
Input Low Voltage
−0.3
VDD × 0.22
V
VDH
Data Retention Supply Voltage
1.5
3.1
V


Similar Part No. - TC55W1600FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55W800FT TOSHIBA-TC55W800FT Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-70 TOSHIBA-TC55W800FT-70 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W800XB8 TOSHIBA-TC55W800XB8 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
More results

Similar Description - TC55W1600FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM416BTGN55 TOSHIBA-TC55VCM416BTGN55 Datasheet
238Kb / 18P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC51WKM516AXBN75 TOSHIBA-TC51WKM516AXBN75 Datasheet
115Kb / 11P
   2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
logo
Renesas Technology Corp
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
logo
Toshiba Semiconductor
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
logo
Renesas Technology Corp
M6MGB331S8BKT RENESAS-M6MGB331S8BKT Datasheet
128Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com