Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC94A14F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC94A14F
Description  Digital Servo Single-Chip Processor for Use in CD Player
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A14F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC94A14F Datasheet HTML 1Page - Toshiba Semiconductor TC94A14F Datasheet HTML 2Page - Toshiba Semiconductor TC94A14F Datasheet HTML 3Page - Toshiba Semiconductor TC94A14F Datasheet HTML 4Page - Toshiba Semiconductor TC94A14F Datasheet HTML 5Page - Toshiba Semiconductor TC94A14F Datasheet HTML 6Page - Toshiba Semiconductor TC94A14F Datasheet HTML 7Page - Toshiba Semiconductor TC94A14F Datasheet HTML 8Page - Toshiba Semiconductor TC94A14F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TC94A14F/FA/FB
2002-11-18
5
Pin No.
Symbol
I/O
Function Description
Remarks
55
ZDET
O
3-5I/F
1 bit DA converter zero data detection flag output pin.
¾
56
VSS5
¾
Microcontroller interface GND pin.
¾
57
BUS0
58
BUS1
59
BUS2
60
BUS3
I/O
3-5I/F
Microcontroller interface data I/O pins.
Schmitt input
CMOS ports
61
BUCK
I
3-5I/F
Microcontroller interface clock input pin.
Schmitt input
62
/CCE
I
3-5I/F
Microcontroller interface chip enable signal input pin. At “L”,
BUS0 to BUS3 are active.
Schmitt input
63
/RST
I
3-5I/F
Reset signal input pin. At reset, “L”.
Built-in pull-up resistor
64
VDD5
¾
Microcontroller interface 5 V power supply pin.
¾
Note: AI/F: analog input/output pin
3-5I/F: 3-5 interface built-in pin (5 V input/output pin)
3I/F: 3 V input/output pin
Maximum Ratings (unless otherwise specified, GND reference, Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Remarks
VDD5
-0.3~6.0
64-56 pin
Power supply voltage
VDD3
-0.3~4.5
V
6-7 pin
15, 25, 39-22 pin
43-42 pin
48-45 pin
51-49, 54 pin
VIN5
-0.3~ VDD5 + 0.3
9, 13, 14, 57~63 pin
Input voltage
VIN3
-0.3~ VDD3 + 0.3
V
18, 24, 26~32, 44 pin
1910
TC94A14F
1000
TC94A14FA
Power dissipation
PD
1310
mW
TC94A14FB
Operating temperature
Topr
-40~+85
°C
¾
Storage temperature
Tstg
-55~+150
°C
¾


Similar Part No. - TC94A14F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC94A04AF TOSHIBA-TC94A04AF Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFDG TOSHIBA-TC94A04AFDG Datasheet
702Kb / 42P
   1 chip Audio Digital Processor
TC94A04AFG TOSHIBA-TC94A04AFG Datasheet
702Kb / 42P
   1 chip Audio Digital Processor
TC94A09F TOSHIBA-TC94A09F Datasheet
270Kb / 19P
   Single-Chip CD Processor with Built-in Controller
More results

Similar Description - TC94A14F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
logo
Sony Corporation
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
   CD Player Digital Signal Processor
M50427FP MITSUBISHI-M50427FP Datasheet
848Kb / 17P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
M65821FP MITSUBISHI-M65821FP Datasheet
1Mb / 24P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
M65824AFP MITSUBISHI-M65824AFP Datasheet
182Kb / 23P
   CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
logo
Toshiba Semiconductor
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
   Digital Servo Single Chip Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com