Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16N65M2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP16N65M2
Description  N-channel 650 V, 0.32 ??typ., 11 A MDmesh M2 Power MOSFETs in TO-220 and IPAK packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16N65M2 Datasheet(HTML) 2 Page - STMicroelectronics

  STP16N65M2 Datasheet HTML 1Page - STMicroelectronics STP16N65M2 Datasheet HTML 2Page - STMicroelectronics STP16N65M2 Datasheet HTML 3Page - STMicroelectronics STP16N65M2 Datasheet HTML 4Page - STMicroelectronics STP16N65M2 Datasheet HTML 5Page - STMicroelectronics STP16N65M2 Datasheet HTML 6Page - STMicroelectronics STP16N65M2 Datasheet HTML 7Page - STMicroelectronics STP16N65M2 Datasheet HTML 8Page - STMicroelectronics STP16N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Contents
STP16N65M2, STU16N65M2
2/16
DocID027086 Rev 1
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
4.1
TO-220, STP16N65M2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
4.2
IPAK, STU16N65M2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


Similar Part No. - STP16N65M2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP16N65M2 ISC-STP16N65M2 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STP16N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13N65M2 STMICROELECTRONICS-STP13N65M2 Datasheet
551Kb / 16P
   N-channel 650 V, 0.37 ??typ.,10 A MDmesh??M2 Power MOSFETs in TO-220 and IPAK packages
December 2014 Rev 1
STP7N65M2 STMICROELECTRONICS-STP7N65M2 Datasheet
881Kb / 18P
   N-channel 650 V, 0.98 廓 typ., 5 A MDmesh??M2 Power MOSFETs in TO-220 and IPAK packages
May 2015 Rev 3
STB33N65M2 STMICROELECTRONICS-STB33N65M2 Datasheet
800Kb / 23P
   N-channel 650 V, 0.117 ??typ., 24 A MDmesh??M2 Power MOSFETs in D짼PAK, TO-220FP, TO-220 and I짼PAK packages
December 2014 Rev 1
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
   N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
October 2013 Rev 3
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STD2N105K5 STMICROELECTRONICS-STD2N105K5 Datasheet
1Mb / 21P
   N-channel 1050 V, 6 廓 typ., 1.5 A MDmesh??K5 Power MOSFETs in DPAK, TO-220 and IPAK packages
November 2014 Rev 3
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
   N-channel 600 V, 0.35 廓 typ., 11 A MDmesh II Plus??low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com