Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP30N10F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP30N10F7
Description  N-channel 100 V, 0.02typ., 32 A STripFET??F7 Power MOSFET in a TO-220 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30N10F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP30N10F7 Datasheet HTML 3Page - STMicroelectronics STP30N10F7 Datasheet HTML 4Page - STMicroelectronics STP30N10F7 Datasheet HTML 5Page - STMicroelectronics STP30N10F7 Datasheet HTML 6Page - STMicroelectronics STP30N10F7 Datasheet HTML 7Page - STMicroelectronics STP30N10F7 Datasheet HTML 8Page - STMicroelectronics STP30N10F7 Datasheet HTML 9Page - STMicroelectronics STP30N10F7 Datasheet HTML 10Page - STMicroelectronics STP30N10F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STP30N10F7
Electrical characteristics
DocID028799 Rev 1
7/13
Figure 12: Source-drain diode forward characteristics


Similar Part No. - STP30N10F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP30N10F7 ISC-STP30N10F7 Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STP30N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30N10F7 STMICROELECTRONICS-STD30N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 3
STP150N10F7AG STMICROELECTRONICS-STP150N10F7AG Datasheet
227Kb / 12P
   Automotive N-channel 100 V, 4.2 m廓 typ., 110 A, STripFET F7 Power MOSFET in a TO-220 package
July 2021
STF150N10F7 STMICROELECTRONICS-STF150N10F7 Datasheet
782Kb / 13P
   N-channel 100 V, 0.0036 廓 typ., 65 A, STripFET??F7 Power MOSFET in a TO-220FP package
August 2014 Rev 2
STP15810 STMICROELECTRONICS-STP15810 Datasheet
357Kb / 13P
   N-channel 100 V, 0.0036 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a TO-220 package
August 2014
STL90N10F7 STMICROELECTRONICS-STL90N10F7 Datasheet
482Kb / 14P
   N-channel 100 V, 0.007 廓 typ., 70 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
March 2015 Rev 4
STH150N10F7-2 STMICROELECTRONICS-STH150N10F7-2 Datasheet
958Kb / 16P
   N-channel 100 V, 0.0034 廓 typ., 110 A, STripFET??F7 Power MOSFET in a H2PAK-2 package
September 2016 Rev 3
STD46N6F7 STMICROELECTRONICS-STD46N6F7 Datasheet
770Kb / 14P
   N-channel 60 V, 0.012 廓 typ., 15 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 2
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
   N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
June 2016
STP150NF04 STMICROELECTRONICS-STP150NF04 Datasheet
397Kb / 12P
   N-channel 40 V, 0.005 廓 typ., 80 A STripFET?줚I Power MOSFET in a TO-220 package
October 2012 Rev 3
STP90N6F6 STMICROELECTRONICS-STP90N6F6 Datasheet
380Kb / 13P
   N-channel 60 V, 0.0057 廓 typ., 90 A STripFET??F6 Power MOSFET in a TO-220 package
March 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com