Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP80N6F6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP80N6F6
Description  Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET??VI DeepGATE??Power MOSFET in a TO-220 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80N6F6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP80N6F6 Datasheet HTML 1Page - STMicroelectronics STP80N6F6 Datasheet HTML 2Page - STMicroelectronics STP80N6F6 Datasheet HTML 3Page - STMicroelectronics STP80N6F6 Datasheet HTML 4Page - STMicroelectronics STP80N6F6 Datasheet HTML 5Page - STMicroelectronics STP80N6F6 Datasheet HTML 6Page - STMicroelectronics STP80N6F6 Datasheet HTML 7Page - STMicroelectronics STP80N6F6 Datasheet HTML 8Page - STMicroelectronics STP80N6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
January 2014
DocID023470 Rev 2
1/12
STP80N6F6
Automotive-grade N-channel 60 V, 4.4 m
Ω typ., 80 A
STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• Low gate charge
• Very low on-resistance
• High avalanche ruggedness
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using the 6
th
generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest R
DS(on)
in all packages.
TO-220
1
2
3
TAB
Order code
VDS
RDS(on) max.
ID
STP80N6F6
60 V
5 m
Ω
80 A
(1)
1.
Current limited by package
Table 1. Device summary
Order code
Marking
Packages
Packaging
STP80N6F6
80N6F6
TO-220
Tube
www.st.com


Similar Part No. - STP80N6F6

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STP80N6F6 DOINGTER-STP80N6F6 Datasheet
973Kb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STP80N6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD80N6F6 STMICROELECTRONICS-STD80N6F6 Datasheet
676Kb / 15P
   Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET??VI DeepGATE??Power MOSFET in a DPAK package
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
   N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
STB150N3LH6 STMICROELECTRONICS-STB150N3LH6 Datasheet
1,003Kb / 15P
   N-channel 30 V, 2.4 m??typ., 80 A, STripFET??VI DeepGATE?? Power MOSFET in D짼PAK package
July 2012 Rev 1
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
   N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
   N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
   N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
   N-channel 60 V, 3.3 m廓 typ., 25 A STripFET??VI DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
March 2014 Rev 3
STFI260N6F6 STMICROELECTRONICS-STFI260N6F6 Datasheet
658Kb / 12P
   N-channel 60 V, 0.0024 廓, 80 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAKFP package
April 2012 Rev 1
STH400N4F6-2 STMICROELECTRONICS-STH400N4F6-2 Datasheet
794Kb / 18P
   Automotive-grade N-channel 40 V, 0.85 m??typ.,180 A STripFET??VI DeepGATE??Power MOSFETs
February 2014 Rev 2
STB170NF04 STMICROELECTRONICS-STB170NF04 Datasheet
594Kb / 15P
   N-channel 40 V, 4.4 m typ., 80 A STripFET II Power MOSFET in a D2PAK package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com