Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP160N3LL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP160N3LL
Description  Very low on-resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP160N3LL Datasheet(HTML) 5 Page - STMicroelectronics

  STP160N3LL Datasheet HTML 1Page - STMicroelectronics STP160N3LL Datasheet HTML 2Page - STMicroelectronics STP160N3LL Datasheet HTML 3Page - STMicroelectronics STP160N3LL Datasheet HTML 4Page - STMicroelectronics STP160N3LL Datasheet HTML 5Page - STMicroelectronics STP160N3LL Datasheet HTML 6Page - STMicroelectronics STP160N3LL Datasheet HTML 7Page - STMicroelectronics STP160N3LL Datasheet HTML 8Page - STMicroelectronics STP160N3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STP160N3LL
Electrical characteristics
DocID025073 Rev 3
5/13
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
(1)
Forward on voltage
VGS = 0 V, ISD = 60 A
-
1.1
V
trr
Reverse recovery time
ISD = 120 A, di/dt = 100 A/µs,
VDD = 24 V (see Figure 15: "Test
circuit for inductive load switching
and diode recovery times")
-
28.6
ns
Qrr
Reverse recovery
charge
-
22.8
nC
IRRM
Reverse recovery
current
-
1.6
A
Notes:
(1)
Pulse test: pulse duration = 300 µs, duty cycle 1.5%.


Similar Part No. - STP160N3LL

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STP160N3LL DOINGTER-STP160N3LL Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STP160N3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
   Very low on-resistance
November 2014 Rev 3
STP110N8F6 STMICROELECTRONICS-STP110N8F6 Datasheet
557Kb / 13P
   Very low on-resistance
December 2014 Rev 2
STR1P2UH7 STMICROELECTRONICS-STR1P2UH7 Datasheet
613Kb / 12P
   Very low on-resistance
June 2015 Rev 3
STR2P3LLH6 STMICROELECTRONICS-STR2P3LLH6 Datasheet
547Kb / 12P
   Very low on-resistance
November 2014 Rev 2
STS9P3LLH6 STMICROELECTRONICS-STS9P3LLH6 Datasheet
602Kb / 13P
   Very low on-resistance
March 2016 Rev 2
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
   Very low on-resistance
September 2016 Rev 3
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
   Very low on-resistance
March 2014 Rev 2
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
   Very low on-resistance
STT7P2UH7 STMICROELECTRONICS-STT7P2UH7 Datasheet
488Kb / 13P
   Very low on-resistance
October 2014 Rev 3
STH175N4F6-2AG STMICROELECTRONICS-STH175N4F6-2AG Datasheet
594Kb / 18P
   Very low on-resistance
February 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com