Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1059464 Datasheet(PDF) 3 Page - SICK AG

Part # 1059464
Description  POSITION SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1059464 Datasheet(HTML) 3 Page - SICK AG

  1059464 Datasheet HTML 1Page - SICK AG 1059464 Datasheet HTML 2Page - SICK AG 1059464 Datasheet HTML 3Page - SICK AG 1059464 Datasheet HTML 4Page - SICK AG 1059464 Datasheet HTML 5Page - SICK AG 1059464 Datasheet HTML 6Page - SICK AG 1059464 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MPA-503THTP0 | MPA
POSITION SENSORS
Power consumption
≤ 35 mA 2)
Max. load resistance
≤ 500 Ω 3)
Min. load resistance
≥ 2 kΩ 4)
Protection class
III
Required magnetic field sensitivity, typ.
2 mT
Resolution, typ.
0.03 % FSR (max. ≥ 0.06 mm) 5)
Linearity error, typ.
0.5 mm 6)
Repeat accuracy, typ.
0.06 % FSR (≥ 0.1 mm) 7)
Sampling rate, typ.
1.15 ms 8)
IO-Link
Status indicator LED
Reverse polarity protection
Short-circuit protection
Ambient operating temperature
–20 °C ... +70 °C
Shock and vibration resistance
30 g, 11 ms/10 Hz ... 55 Hz, 1 mm
EMC
According to EN 60947-5-2 9)
Housing material
Metal, Aluminum, Plastic
Connection type
Cable with M8 male connector, 4-pin, 0.3 m 10)
Cable material
PUR
Conductor cross-section
0.08 mm²
UL File No.
NRKH.E181493
1) Reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) Without load.
3) Power Output, at 24 V.
4) Voltage output.
5) FSR: Full Scale Range; max. measuring range.
6) At 25 ° C, linearity error (maximum deviation) depending on response curve and minimal deviation function.
7) At 25 ° C, repeatability magnet movement in one direction.
8) Only in standard mode, not in IO-Link mode.
9) The analog measured value can deviate under transient conditions.
10) Do not bend below 0 °C.
Classifications
ECl@ss 5.0
27270104
ECl@ss 5.1.4
27270104
ECl@ss 6.0
27270104
ECl@ss 6.2
27270104
ECl@ss 7.0
27270104
ECl@ss 8.0
27270104
ECl@ss 8.1
27270104
ECl@ss 9.0
27270104
ETIM 5.0
EC002544
ETIM 6.0
EC002544
2017-05-04 16:20:10 | Online data sheet
Subject to change without notice
MAGNETIC CYLINDER SENSORS | SICK
3


Similar Part No. - 1059464

ManufacturerPart #DatasheetDescription
logo
SICK AG
1059460 SICK-1059460 Datasheet
2Mb / 7P
   POSITION SENSORS
1059461 SICK-1059461 Datasheet
1Mb / 6P
   POSITION SENSORS
1059462 SICK-1059462 Datasheet
2Mb / 7P
   POSITION SENSORS
1059463 SICK-1059463 Datasheet
1Mb / 6P
   POSITION SENSORS
1059465 SICK-1059465 Datasheet
1Mb / 6P
   POSITION SENSORS
More results

Similar Description - 1059464

ManufacturerPart #DatasheetDescription
logo
SICK AG
MPA-503THTU0 SICK-MPA-503THTU0 Datasheet
1Mb / 6P
   POSITION SENSORS
MPS-128TLTQ0 SICK-MPS-128TLTQ0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-863THTP0 SICK-MPA-863THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-899THTP0 SICK-MPA-899THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-575THTP0B01 SICK-MPA-575THTP0B01 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-395THTU0 SICK-MPA-395THTU0 Datasheet
1Mb / 6P
   POSITION SENSORS
MPA-323THTU0 SICK-MPA-323THTU0 Datasheet
1Mb / 6P
   POSITION SENSORS
MPA-287THTU0 SICK-MPA-287THTU0 Datasheet
1Mb / 6P
   POSITION SENSORS
MPA-719THTP0 SICK-MPA-719THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-143THTP0 SICK-MPA-143THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-251THTP0 SICK-MPA-251THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com