Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLT1105 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCLT1105
Description  Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1105 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCLT1105 Datasheet HTML 1Page - Vishay Siliconix TCLT1105 Datasheet HTML 2Page - Vishay Siliconix TCLT1105 Datasheet HTML 3Page - Vishay Siliconix TCLT1105 Datasheet HTML 4Page - Vishay Siliconix TCLT1105 Datasheet HTML 5Page - Vishay Siliconix TCLT1105 Datasheet HTML 6Page - Vishay Siliconix TCLT1105 Datasheet HTML 7Page - Vishay Siliconix TCLT1105 Datasheet HTML 8Page - Vishay Siliconix TCLT1105 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83514
Rev. 1.8, 03-Dec-04
TCLT11.. Series
Vishay Semiconductors
Insulation Rated Parameters
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Partial discharge test voltage -
Routine test
100 %, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage -
Lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
8kV
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Figure 1. Derating diagram
4.8
4.4
1.40
1.27
10 4
38
Figure 2. Test pulse diagram for sample test according to DIN EN
60747-5-2(VDE0884)/ DIN EN 60747-; IEC60747
t
13930
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
VPd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2


Similar Part No. - TCLT1105

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1105 VISHAY-TCLT1105 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 2.1, 09-Jan-08
TCLT1105 VISHAY-TCLT1105 Datasheet
158Kb / 6P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 2.5, 16-May-13
More results

Similar Description - TCLT1105

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1100 VISHAY-TCLT1100 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 2.1, 09-Jan-08
TCLT110 VISHAY-TCLT110 Datasheet
158Kb / 6P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 2.5, 16-May-13
TCLT111 VISHAY-TCLT111_V01 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
01-Jan-2022
TCLT111 VISHAY-TCLT111 Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
Rev. 1.6, 15-Oct-15
TCLT111 VISHAY-TCLT111_V02 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
01-Jan-2023
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLT1600 VISHAY-TCLT1600_15 Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
Rev. 2.5, 13-Oct-15
TCLT101 VISHAY-TCLT101 Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package
Rev. 1.7, 08-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com