Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1059465 Datasheet(PDF) 4 Page - SICK AG

Part # 1059465
Description  POSITION SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1059465 Datasheet(HTML) 4 Page - SICK AG

  1059465 Datasheet HTML 1Page - SICK AG 1059465 Datasheet HTML 2Page - SICK AG 1059465 Datasheet HTML 3Page - SICK AG 1059465 Datasheet HTML 4Page - SICK AG 1059465 Datasheet HTML 5Page - SICK AG 1059465 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MPA-503THTU0 | MPA
POSITION SENSORS
UNSPSC 16.0901
39122230
Connection diagram
Cd-354
+ (L+)
IA (4 ... 20 mA)
UA (0 ... 10 V)/IO-Link
- (M)
brn
wht
blk
blu
Dimensional drawing (Dimensions in mm (inch))
20
(0.79)
0.7 (0.03)
1.3 (0.05)
L2
L1
19.5
(0.77)
1
3
2
Total length
Measuring range
(L1) mm
(L2) mm
MPA-107
109
107
MPA-143
145
143
MPA-179
181
179
MPA-215
217
215
MPA-251
253
251
MPA-287
289
287
MPA-323
325
323
MPA-359
361
359
MPA-395
397
395
MPA-431
433
431
MPA-467
469
467
MPA-503
505
503
MPA-539
541
539
Total length
Measuring range
(L1) mm
(L2) mm
MPA-575
577
575
MPA-611
613
611
MPA-647
649
647
MPA-683
685
683
MPA-719
721
719
MPA-755
757
755
MPA-791
793
791
MPA-827
829
827
MPA-863
865
863
MPA-899
901
899
MPA-935
937
935
MPA-971
973
971
MPA-1007
1,009
1,007
①  Function signal indicator 1
②  Function signal indicator 2
③  Teach-Pad
4
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice


Similar Part No. - 1059465

ManufacturerPart #DatasheetDescription
logo
SICK AG
1059460 SICK-1059460 Datasheet
2Mb / 7P
   POSITION SENSORS
1059461 SICK-1059461 Datasheet
1Mb / 6P
   POSITION SENSORS
1059462 SICK-1059462 Datasheet
2Mb / 7P
   POSITION SENSORS
1059463 SICK-1059463 Datasheet
1Mb / 6P
   POSITION SENSORS
1059464 SICK-1059464 Datasheet
2Mb / 7P
   POSITION SENSORS
More results

Similar Description - 1059465

ManufacturerPart #DatasheetDescription
logo
SICK AG
MPS-128TLTQ0 SICK-MPS-128TLTQ0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-863THTP0 SICK-MPA-863THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-899THTP0 SICK-MPA-899THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-575THTP0B01 SICK-MPA-575THTP0B01 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-395THTU0 SICK-MPA-395THTU0 Datasheet
1Mb / 6P
   POSITION SENSORS
MPA-323THTU0 SICK-MPA-323THTU0 Datasheet
1Mb / 6P
   POSITION SENSORS
MPA-287THTU0 SICK-MPA-287THTU0 Datasheet
1Mb / 6P
   POSITION SENSORS
MPA-719THTP0 SICK-MPA-719THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-143THTP0 SICK-MPA-143THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-251THTP0 SICK-MPA-251THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com