Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9269BCPZ-40 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9269BCPZ-40
Description  16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9269BCPZ-40 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9269BCPZ-40 Datasheet HTML 15Page - Analog Devices AD9269BCPZ-40 Datasheet HTML 16Page - Analog Devices AD9269BCPZ-40 Datasheet HTML 17Page - Analog Devices AD9269BCPZ-40 Datasheet HTML 18Page - Analog Devices AD9269BCPZ-40 Datasheet HTML 19Page - Analog Devices AD9269BCPZ-40 Datasheet HTML 20Page - Analog Devices AD9269BCPZ-40 Datasheet HTML 21Page - Analog Devices AD9269BCPZ-40 Datasheet HTML 22Page - Analog Devices AD9269BCPZ-40 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
AD9269
Data Sheet
Rev. A | Page 18 of 40
EQUIVALENT CIRCUITS
AVDD
VIN±x
Figure 29. Equivalent Analog Input Circuit
30kΩ
30kΩ
SDIO/DCS
350Ω
AVDD
DRVDD
Figure 30. Equivalent SDIO/DCS Input Circuit
350Ω
DRVDD
30kΩ
SCLK/DFS, SYNC,
OEB, AND PDWN
Figure 31. Equivalent SCLK/DFS, SYNC, OEB, and PDWN Input Circuit
7.5kΩ
VREF
375Ω
AVDD
Figure 32. Equivalent VREF Circuit
CLK+
CLK–
0.9V
15kΩ
5Ω
5Ω
15kΩ
AVDD
AVDD
Figure 33. Equivalent Clock Input Circuit
DRVDD
Figure 34. Equivalent Digital Output Circuit
RBIAS
AND VCM
375Ω
AVDD
Figure 35. Equivalent RBIAS, VCM Circuit
30kΩ
CSB
350Ω
AVDD
DRVDD
Figure 36. Equivalent CSB Input Circuit
SENSE
375Ω
AVDD
Figure 37. Equivalent SENSE Circuit


Similar Part No. - AD9269BCPZ-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9269BCPZ-40 AD-AD9269BCPZ-40 Datasheet
1Mb / 40P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9269BCPZ-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9269 AD-AD9269 Datasheet
1Mb / 40P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com