Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9269BCPZRL7-20 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9269BCPZRL7-20
Description  16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9269BCPZRL7-20 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9269BCPZRL7-20 Datasheet HTML 18Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 19Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 20Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 21Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 22Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 23Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 24Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 25Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Data Sheet
AD9269
Rev. A | Page 21 of 40
In any configuration, the value of Shunt Capacitor C is dependent
on the input frequency and source impedance and may need to
be reduced or removed. Table 9 displays the suggested values to set
the RC network. However, these values are dependent on the
input signal and should be used only as a starting guide.
Table 9. Example RC Network
Frequency Range (MHz)
R Series
(Ω Each)
C Differential (pF)
0 to 70
33
22
70 to 200
125
Open
Single-Ended Input Configuration
A single-ended input can provide adequate performance in
cost-sensitive applications. In this configuration, SFDR and
distortion performance degrade due to the large input common-
mode swing. If the source impedances on each input are matched,
there should be little effect on SNR performance. Figure 44
shows a typical single-ended input configuration.
1V p-p
R
R
C
49.
9Ω
0.1µF
10µF
10µF
0.1µF
AVDD
1
kΩ
1
kΩ
1
kΩ
1
kΩ
ADC
AVDD
VIN+x
VIN–x
Figure 44. Single-Ended Input Configuration
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD9269. VREF can be configured using either the internal 1.0 V
reference or an externally applied 1.0 V reference voltage. The
various reference modes are summarized in the sections that
follow. The Reference Decoupling section describes the best-
practices PCB layout of the reference.
Internal Reference Connection
A comparator within the AD9269 detects the potential at the
SENSE pin and configures the reference into two possible modes,
which are summarized in Table 10. If SENSE is grounded, the
reference amplifier switch is connected to the internal resistor
divider (see Figure 45), setting VREF to 1.0 V.
VREF
SENSE
0.5V
ADC
SELECT
LOGIC
0.1µF
1.0µF
VIN–A/VIN–B
VIN+A/VIN+B
ADC
CORE
Figure 45. Internal Reference Configuration
If the internal reference of the AD9269 drives multiple converters
to improve gain matching, the loading of the reference by the other
converters must be considered. Figure 46 shows how the internal
reference voltage is affected by loading.
0
–3.0
0
2.0
LOAD CURRENT (mA)
–0.5
–1.0
–1.5
–2.0
–2.5
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
1.2
INTERNAL VREF = 0.993V
Figure 46. VREF Accuracy vs. Load Current
Table 10. Reference Configuration Summary
Selected Mode
SENSE Voltage (V)
Resulting VREF (V)
Resulting Differential Span (V p-p)
Fixed Internal Reference
AGND to 0.2
1.0 internal
2.0
Fixed External Reference
AVDD
1.0 applied to external VREF pin
2.0


Similar Part No. - AD9269BCPZRL7-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9269BCPZRL7-20 AD-AD9269BCPZRL7-20 Datasheet
1Mb / 40P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9269BCPZRL7-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9269 AD-AD9269 Datasheet
1Mb / 40P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com