Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24190RGER Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24190RGER
Description  I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24190RGER Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ24190RGER Datasheet HTML 8Page - Texas Instruments BQ24190RGER Datasheet HTML 9Page - Texas Instruments BQ24190RGER Datasheet HTML 10Page - Texas Instruments BQ24190RGER Datasheet HTML 11Page - Texas Instruments BQ24190RGER Datasheet HTML 12Page - Texas Instruments BQ24190RGER Datasheet HTML 13Page - Texas Instruments BQ24190RGER Datasheet HTML 14Page - Texas Instruments BQ24190RGER Datasheet HTML 15Page - Texas Instruments BQ24190RGER Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
STAT
SCL
SDA
FBO
CONVERTER
CONTROL
PGND
REGN
BTST
REGN
PG(192/192I)
TSHUT
T
SHUT
IC T
J
TS1
REGN
LDO
bq2419x
PMID
Q1
VBUS
Q3
Q2
SW
Q4
SYS
BAT
CHARGE
CONTROL
STATE
MACHINE
I2C
Interface
INT
I
INDPM
I
CHG_REG
V
SYSMIN
V
BAT_REG
IC T
J
T
REG
BATLOWV
BAT
V
(BATLOWV)
SUSPEND
RECHRG
BAT
V
- V
(BAT_REG)
(RECHG)
REFRESH
V
(BTST_REFRESH)
V
(BTST-SW)
UCP
I
(LSFET_UCP)
I(Q3)
BATOVP
V
x V
(BAT_REG)
(BATOVP)
BAT
V
INDPM
PSEL(192/192I)
D+ (190)
D– (190)
USB Host
Adapter
Detection
OTG
EN_CHARGE
EN_BOOST
BAD_SRC
I
(BADSRC)
I
DC
BAT_GD
V
(BATGD)
BAT
EN_HIZ
USB
Adapter
1.5A
TERMINATION
I
TERM
I
CHG
BATSHORT
BAT
V
(SHORT)
CONVERTER
CONTROL
STATE
MACHINE
Q2_OCP
I
(HSFET_OCP)
I(Q2)
SYS
BAT
REF
DAC
I
CHG_REG
V
(VBUS_UVLOZ)
UVLO
V
+V
(BATZ)
(SLEEP)
SLEEP
V
(AC0V)
ACOV
EN_HIZ
CE
ILIM
TS2
I
CHG
V
BAT_REG
Q4 Gate
Control
bq24192I
bq24190/192
Q3_OCP_BOOST
I
(OTG_ILIM)
I(Q3)
Q2_UCP_BOOST
I
(OTG_HSZCP)
I(Q2)
VBUS_OVP_BOOST
V
(OTG_OVP)
VBUS
BATTERY
THERMISTER
SENSING
(bq24190/192/
192I Hot/Cold)
Q1 Gate
Control
bq24190, bq24192, bq24192I
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
www.ti.com
9 Detailed Description
9.1 Overview
The bq24190, bq24192, bq24192I is an I2C controlled power path management device and a single cell Li-Ion
battery charger. It integrates the input reverse-blocking FET (RBFET, Q1), high-side switching FET (HSFET, Q2),
low-side switching FET (LSFET, Q3), and BATFET (Q4) between system and battery. The device also integrates
the bootstrap diode for the high-side gate drive.
9.2 Functional Block Diagram
12
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq24190 bq24192 bq24192I


Similar Part No. - BQ24190RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24190RGER TI1-BQ24190RGER Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24190RGER TI-BQ24190RGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results

Similar Description - BQ24190RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI-BQ24193_15 Datasheet
2Mb / 49P
[Old version datasheet]   bq24193 I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192I TI-BQ24192I_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI-BQ24196_15 Datasheet
2Mb / 50P
[Old version datasheet]   bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com