Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24196RGER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24196RGER
Description  I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24196RGER Datasheet(HTML) 5 Page - Texas Instruments

  BQ24196RGER Datasheet HTML 1Page - Texas Instruments BQ24196RGER Datasheet HTML 2Page - Texas Instruments BQ24196RGER Datasheet HTML 3Page - Texas Instruments BQ24196RGER Datasheet HTML 4Page - Texas Instruments BQ24196RGER Datasheet HTML 5Page - Texas Instruments BQ24196RGER Datasheet HTML 6Page - Texas Instruments BQ24196RGER Datasheet HTML 7Page - Texas Instruments BQ24196RGER Datasheet HTML 8Page - Texas Instruments BQ24196RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
bq24196
www.ti.com
SLUSB98A – OCTOBER 2012 – REVISED DECEMBER 2014
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NUMBER
Battery connection point to the positive terminal of the battery pack. The internal BATFET is connected between BAT and
BAT
13,14
P
SYS. Connect a 10 µF closely to the BAT pin.
System connection point. The internal BATFET is connected between BAT and SYS. When the battery falls below the
SYS
15,16
P
minimum system voltage, switch-mode converter keeps SYS above the minimum system voltage. (Refer to Application
Information Section for inductor and capacitor selection.)
Power ground connection for high-current power converter node. Internally, PGND is connected to the source of the n-
PGND
17,18
P
channel LSFET. On PCB layout, connect directly to ground connection of input and output capacitors of the charger. A
single point connection is recommended between power PGND and the analog GND near the IC PGND pin.
O
Switching node connecting to output inductor. Internally SW is connected to the source of the n-channel HSFET and the
SW
19,20
drain of the n-channel LSFET. Connect the 0.047-µF bootstrap capacitor from SW to BTST.
Analog
PWM high side driver positive supply. Internally, the BTST is connected to the anode of the boost-strap diode. Connect
BTST
21
P
the 0.047-µF bootstrap capacitor from SW to BTST.
PWM low side driver positive supply output. Internally, REGN is connected to the cathode of the boost-strap diode.
REGN
22
P
Connect a 4.7-µF (10-V rating) ceramic capacitor from REGN to analog GND. The capacitor should be placed close to the
IC. REGN also serves as bias rail of TS1 and TS2 pins.
Connected to the drain of the reverse blocking MOSFET and the drain of HSFET. Given the total input capacitance,
O
PMID
23
connect a 1-µF capacitor on VBUS to PGND, and the rest all on PMID to PGND. (Refer to Application Information Section
Analog
for details)
Thermal
Exposed pad beneath the IC for heat dissipation. Always solder thermal pad to the board, and have vias on the thermal
P
Pad
pad plane star-connecting to PGND and ground plane for high-current power converter.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VBUS
–2
22
V
PMID
–0.3
22
V
STAT, PG
–0.3
20
V
BTST
–0.3
26
V
Voltage range (with
SW
–2
20
V
respect to GND)
BAT, SYS (converter not switching)
–0.3
6
V
SDA, SCL, INT, OTG, ILIM, REGN, TS1, TS2, CE, PSEL
–0.3
7
V
BTST TO SW
–0.3
–7
V
PGND to GND
–0.3
–0.3
V
Output sink current
INT, STAT, PG
6
mA
Junction temperature
–40°C
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
1000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
250
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq24196


Similar Part No. - BQ24196RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24196RGER TI1-bq24196RGER Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
More results

Similar Description - BQ24196RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24196 TI-BQ24196_15 Datasheet
2Mb / 50P
[Old version datasheet]   bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI-BQ24193_15 Datasheet
2Mb / 49P
[Old version datasheet]   bq24193 I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192I TI-BQ24192I_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com