Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ201003DM Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # CJ201003DM
Description  Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CJ201003DM Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  CJ201003DM Datasheet HTML 1Page - American Accurate Components, Inc. CJ201003DM Datasheet HTML 2Page - American Accurate Components, Inc. CJ201003DM Datasheet HTML 3Page - American Accurate Components, Inc. CJ201003DM Datasheet HTML 4Page - American Accurate Components, Inc. CJ201003DM Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
American Accurate Components, Inc.
Thick Film Chip Resistors
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
3
DERATING CURVE
For resistors operated at ambient temperature over 70°, power rating shall be derated in accordance with figure
1.
The rated voltage is calculated by the following formula:
E= P * R
E=Rated Voltage(V),
P=Rated Power(W),
R=Resistance Value( )
RELIABILITY TESTS
Test Items
Reference
standard
Condition of Test
Test Limits ∆R
Temperature
Coefficient of
Resistance
IEC60115-1-4.8
JIS-C5201-1-4.8
-55~+125 °C
Refer 5.0
Short Time
Overload
IEC60115-1-4.13
JIS-C5201-1-4.13
2.5 X rate voltage for 5 sec
±(1% + 0.05 )
Remarks:
0201 : ±(3% + 0.1 )
0402 : ±(2% + 0.1 )
0
: 50m
or less
Intermittent
Overload
IEC60115-1-4.39
JIS-C5201-1-4.39
3.0 X rated voltage or Max
Overloading voltage, 1sec “ON”,
25sec “OFF”, 10000 cycles
Remarks: 0201-NA, 0402 2.5 X
RCWV*)
±(5.0% + 0.1 )
0
: 50m
or less
Endurance (Load
Life)
IEC60115-1-4.25.1
JIS-C5201-1-
4.25.1
1000 hours at rated voltage, 70°C,
1.5hours “ON”, 0.5hour “OFF”
0.1%, 0.5%, 1% : ±(1.0% + 0.05 ) 2%, 5% : ±(3.0%+ 0.1 )
Remarks:
0201 : ±(5% + 0.1 )
0402 : ±(3% + 0.1 )
0
: 100m
or less
Load Life with
Humidity
IEC60115-1-4.24
JIS-C5201-1-4.24
1000 hours at rated voltage,
40±2°C, 90~95% RH 1.5hours
“ON”, 0.5hour “OFF”
0.1%, 0.5%, 1% : ±(1.0% + 0.05 ) 2%, 5% : ±(3.0%+ 0.1 )
Remarks:
0201 : ±(5.0% + 0.1 )
0402 : ±(3.0% + 0.1 )
0
: 100m
or less
Rapid Change of
Temperature
IEC60115-1-4.19
JIS-C5201-1-4.19
-55°C (30 min.) / +155°C (30 min.) 5
cycles
0.1%, 0.5%, 1% : ±(0.5% + 0.05 ) 2%, 5% : ±(1.0%+0.05 )
Remarks:
0201 : ±(3% + 0.1 )
0
: 50m
or less
Solderability
IEC60115-1-4.17
JIS-C5201-1-4.17
245±5°C solder, 2±0.5 sec dwell.
Solder: Sn96.5 / Ag3.0 / Cu0.5
At least 95% of surface area of electrode shall be covered with
new solder
Robustness of
Termination
(Bending)
IEC60115-1-4.33
JIS-C5201-1-4.33
3mm deflection
2mm deflection (RM20,25)
0.1%, 0.5%, 1% : ±(0.5% + 0.05 ) 2%, 5% : ±(1.0%+0.05 )
Remarks:
0201 : ±(1.0% + 0.1 )
0
: 50m
or less
Dielectric
Withstanding
Voltage (Voltage
Proof)
IEC60115-1-4.7
JIS-C5201-1-4.7
Applying voltage:
0201: 50V, 0402 & 0603: 300V The
other 500V for a minute
No abnormalities such as flashover, burning dielectric
breakdown shall appear
Insulation
Resistance
IEC60115-1-4.6
JIS-C5201-1-4.6
Applying voltage 100V for 1 minute.
Remark: 0201 50V
≥ 1G
Resistance to
Dry Heat
IEC60115-1-4.23.2
JIS-C5201-1-
4.23.2
155±5°C for 96±4hours
Remark: 0201 125±5°C
0.1%, 0.5%, 1% : ±(1.0% + 0.05 ) 2%, 5% : ±(2.0% + 0.1 )
Remarks:
0201 : ±(2.0% + 0.1 )
0
: 50m
or less
Resistance to
Solder Heat
IEC60115-1-4.18
JIS-C5201-1-4.18
270±5°C solder, 10±1 sec dwell.
0.1%, 0.5%, 1% : ±(0.5% + 0.05 ) 2%, 5% : ±(1.0% + 0.05 )
Remarks:
0201 : ±(3.0% + 0.1 )
0
: 50m
or less
Note: RCWV: Rated continuous working voltage
Figure 1


Similar Part No. - CJ201003DM

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ201NL ZPSEMI-CJ201NL Datasheet
520Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
CJ201NL DGNJDZ-CJ201NL Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - CJ201003DM

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com