Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24192IRGET Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24192IRGET
Description  I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24192IRGET Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24192IRGET Datasheet HTML 7Page - Texas Instruments BQ24192IRGET Datasheet HTML 8Page - Texas Instruments BQ24192IRGET Datasheet HTML 9Page - Texas Instruments BQ24192IRGET Datasheet HTML 10Page - Texas Instruments BQ24192IRGET Datasheet HTML 11Page - Texas Instruments BQ24192IRGET Datasheet HTML 12Page - Texas Instruments BQ24192IRGET Datasheet HTML 13Page - Texas Instruments BQ24192IRGET Datasheet HTML 14Page - Texas Instruments BQ24192IRGET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
40
50
60
70
80
90
100
110
120
130
Temperature (°C)
TREG 80 C
TREG 120 C
C009
4.05
4.09
4.13
4.17
4.21
4.25
–50
0
50
100
150
Temperature (°C)
VREG = 4.112 V
VREG = 4.208 V
C002
400
600
800
1000
1200
1400
1600
1800
2000
±50
0
50
100
150
Temperature (
ƒC)
IIN = 500 mA
IIN = 1.5 A
IIN = 2 A
C003
bq24190, bq24192, bq24192I
www.ti.com
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
Figure 7. BAT Voltage vs Temperature
Figure 8. Input Current Limit vs Temperature
Figure 9. Charge Current vs Temperature
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq24190 bq24192 bq24192I


Similar Part No. - BQ24192IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192IRGET TI-BQ24192IRGET Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results

Similar Description - BQ24192IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI-BQ24193_15 Datasheet
2Mb / 49P
[Old version datasheet]   bq24193 I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192I TI-BQ24192I_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI-BQ24196_15 Datasheet
2Mb / 50P
[Old version datasheet]   bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com