Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24159YFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24159YFFR
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24159YFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24159YFFR Datasheet HTML 3Page - Texas Instruments BQ24159YFFR Datasheet HTML 4Page - Texas Instruments BQ24159YFFR Datasheet HTML 5Page - Texas Instruments BQ24159YFFR Datasheet HTML 6Page - Texas Instruments BQ24159YFFR Datasheet HTML 7Page - Texas Instruments BQ24159YFFR Datasheet HTML 8Page - Texas Instruments BQ24159YFFR Datasheet HTML 9Page - Texas Instruments BQ24159YFFR Datasheet HTML 10Page - Texas Instruments BQ24159YFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Not Recommended for New Designs bq24153A, bq24156A, bq24159
7
bq24153A, bq24156A
bq24158, bq24159
www.ti.com
SLUSAB0D – OCTOBER 2010 – REVISED APRIL 2016
Product Folder Links: bq24153A bq24156A bq24158 bq24159
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Thermal Information (continued)
THERMAL METRIC(1)
bq24153A/6A/8/9
UNIT
YFF (DSBGA)
20 Pins
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
While in 15-min mode, if a battery that is charged to a voltage higher than this voltage is inserted, the charger enters Hi-Z mode and
awaits I2C commands.
8.5 Electrical Characteristics
Circuit of Figure 25, VBUS = 5 V, HZ_MODE = 0, OPA_MODE = 0 (CD = 0), TJ = –40°C to 125°C, TJ = 25°C for typical
values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
I(VBUS)
VBUS supply current control
VBUS > VBUS(min), PWM switching
10
mA
VBUS > VBUS(min), PWM NOT switching
5
0°C < TJ < 85°C, CD=1 or HZ_MODE=1
15
23
μA
Ilgk
Leakage current from battery to VBUS pin
0°C < TJ < 85°C, V(CSOUT) = 4.2 V, High Impedance
mode, VBUS = 0 V
5
μA
Battery discharge current in High Impedance
mode, (CSIN, CSOUT, SW pins)
0°C < TJ < 85°C, V(CSOUT) = 4.2 V, High Impedance
mode, V = 0 V, SCL, SDA, OTG = 0 V
or 1.8 V
23
μA
VOLTAGE REGULATION
V(OREG)
Output regulation voltage programable range
Operating in voltage regulation, programmable
3.5
4.44
V
Voltage regulation accuracy
TA = 25°C
–0.5%
0.5%
–1%
1%
CURRENT REGULATION (FAST CHARGE)
IO(CHARGE)
Output charge current programmable range
bq24153A/8, V(SHORT) ≤ V(CSOUT) < V(OREG),
VBUS > V(SLP), R(SNS) = 68 mΩ, LOW_CHG=0,
Programmable
550
1250
mA
bq24156A/9, V(SHORT) ≤ V(CSOUT) < V(OREG),
VBUS > V(SLP), R(SNS) = 68 mΩ, LOW_CHG=0,
Programmable
550
1550
mA
Low charge current (default after POR in 15 min
mode) for bq24153A/6A/8/9
VSHORT ≤ VCSOUT < VOREG, VBUS >VSLP,
RSNS= 68 mΩ, LOW_CHG=1, OTG=High for
bq24153A/8
325
350
mA
Regulation accuracy of the voltage across
R(SNS) (for charge current regulation)
V(IREG) = IO(CHARGE) × R(SNS)
37.4 mV
≤ V(IREG)< 44.2mV
–3.5%
3.5%
44.2 mV
≤ V(IREG)
–3%
3%
WEAK BATTERY DETECTION
V(LOWV)
Weak battery voltage threshold programmable
range2 (1)
Adjustable using I2C control
3.4
3.7
V
Weak battery voltage accuracy
–5%
5%
Hysteresis for V(LOWV)
Battery voltage falling
100
mV
CD, OTG and SLRST PIN LOGIC LEVEL
VIL
Input low threshold level
0.4
V
VIH
Input high threshold level
1.3
V
I(bias)
Input bias current
Voltage on control pin is 5 V
1.0
µA
CHARGE TERMINATION DETECTION
I(TERM)
Termination charge current programmable
range
V(CSOUT) > V(OREG) – V(RCH),
VBUS > V(SLP), R(SNS) = 68 mΩ, Programmable
50
400
mA
Regulation accuracy for termination current
across R(SNS)
V(IREG_TERM) = IO(TERM) × R(SNS)
3.4 mV
≤ V(IREG_TERM) ≤ 6.8 mV
–15%
15%
6.8 mV < V(IREG_TERM) ≤ 17 mV
–10%
10%
17 mV < V(IREG_TERM) ≤ 27.2 mV
–5.5%
5.5%
BAD ADAPTOR DETECTION
VIN(min)
Input voltage lower limit
BAD ADAPTOR DETECTION
3.6
3.8
4.0
V
Hysteresis for VIN(min)
Input voltage rising
100
200
mV
ISHORT
Current source to GND
During bad adaptor detection
20
30
40
mA


Similar Part No. - BQ24159YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24159YFFR TI-BQ24159YFFR Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
More results

Similar Description - BQ24159YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com