Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1R00150F Datasheet(PDF) 7 Page - Rohm

Part # BM1R00150F
Description  Secondary Side Synchronous Rectification Controller IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1R00150F Datasheet(HTML) 7 Page - Rohm

Back Button BM1R00150F Datasheet HTML 3Page - Rohm BM1R00150F Datasheet HTML 4Page - Rohm BM1R00150F Datasheet HTML 5Page - Rohm BM1R00150F Datasheet HTML 6Page - Rohm BM1R00150F Datasheet HTML 7Page - Rohm BM1R00150F Datasheet HTML 8Page - Rohm BM1R00150F Datasheet HTML 9Page - Rohm BM1R00150F Datasheet HTML 10Page - Rohm BM1R00150F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/22
TSZ02201-0F4F0A200300-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
20. Apr. 2016 Rev.003
www.rohm.com
TSZ22111 • 15 • 001
BM1R00146F BM1R00147F BM1R00148F BM1R00149F BM1R00150F
Electrical Characteristics (Unless otherwise specified VCC=20V Ta=25°C)
Parameter
Symbol
Spec
Unit
Conditions
MIN
TYP
MAX
Circuit Current
Circuit Current1
ION1
0.5
1
2
mA
fSW=50kHz at Switching Mode
(GATE=OPEN)
Circuit Current at Sleep Mode
ISLEEP
60
120
200
μA
At Shutdown Mode
Circuit Current at Normal Mode
IACT
350
800
1400
μA
Switching STOP Mode
Circuit Current at UVLO Mode
IOFF
18
35
60
μA
VCC=1.9V
VCC Item
VCC UVLO Threshold Voltage1
VUVLO1
2.00
2.30
2.65
V
VCC Sweep Up
VCC UVLO Threshold Voltage2
VUVLO2
1.95
2.25
2.60
V
VCC Sweep Down
SR Controller BLOCK
GATE Turn ON Threshold
VGONN
-150
-100
-50
mV
VDRAIN=+300mV to -300mV
GATE Turn OFF Threshold
VGOFF
-10
-6
-1
mV
VDRAIN=-300mV to +300mV
Compulsion OFF Time
(Note 5)
tCOFF
1.140
1.300
1.460
μs
BM1R00146F
1.700
2.000
2.300
μs
BM1R00147F
2.730
3.000
3.270
μs
BM1R00148F
3.276
3.600
3.924
μs
BM1R00149F
4.186
4.600
5.014
μs
BM1R00150F
MAX_TON BLOCK
MAX_TON Timer Start Threshold
Voltage
VMAX_ON_START
24
28
32
V
VCC=20V, DRAIN Terminal
Voltage
MAX_TON Timer
tMAX_ON
9.4
10
10.6
μs
RMAX_TON=100kΩ, VCC=3V,
VDRAIN=-0.3↔7V
MAX_TON Output Voltage
VMAX_ON
0.24
0.40
0.56
V
Auto Shutdown BLOCK
Auto Shutdown Detect Time
tSHD
120
200
320
μs
No Pulse to DRAIN Terminal
Auto Shutdown Cancel Pulse Number
PACT
-
265
-
time
Input Pulse to DRAN Terminal
Drain Monitor BLOCK
Drain Sink Current
ID_SINK
130
250
550
μA
VDRAIN=120V
Drain Terminal Source Current1
IDRAIN_SO1
-23
-11
-5
μA
VDRAIN=0.1V
Drain Terminal Source Current2
IDRAIN_SO2
-3
-1
-0.3
μA
VDRAIN=-0.2V
Driver BLOCK
GATE Terminal High Voltage
VGATE_H1
11
12
14
V
VCC=20V
High Side FET ON-Resistance
(VCC=2.7V)
RHIONR1
12.0
23.0
50.0
Ω
VCC=2.7V, IOUT= -10mA
High Side FET ON-Resistance
(VCC=5V)
RHIONR2
6.0
12.0
24.0
Ω
VCC=5.0V, IOUT= -10mA
High Side FET ON-Resistance
(VCC=10V)
RHIONR3
4.0
9.0
18.0
Ω
VCC=10V, IOUT= -10mA
Low Side FET ON-Resistance
(VCC=2.7V)
RLOWONR1
1.1
2.2
4.4
Ω
VCC=2.7V, IOUT= +10mA
Low Side FET ON-Resistance
(VCC=5V)
RLOWONR2
0.9
1.8
3.6
Ω
VCC=5.0V, IOUT= +10mA
Propagation Delay to FET Turn ON
tDELAY_ON
-
50
-
ns
VDRAIN=+300mV to -300mV
Propagation Delay to FET Turn OFF
tDELAY_OFF
-
100
-
ns
VDRAIN =-300mV to +300mV
(Note 5) See the lineup table in page1.


Similar Part No. - BM1R00150F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00150-E2 ROHM-BM1R00150-E2 Datasheet
2Mb / 26P
   High Efficiency and Low Standby Power CCM corresponding
More results

Similar Description - BM1R00150F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR345 DIODES-APR345 Datasheet
429Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
International Rectifier
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
   Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR340 DIODES-APR340 Datasheet
578Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
APR348 DIODES-APR348 Datasheet
377Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
March 2021
logo
SHENZHEN FUMAN ELECTRON...
TC9700 FUMAN-TC9700 Datasheet
262Kb / 8P
   Secondary synchronous rectification IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com