Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5414A Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5414A
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5414A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5414A_17 Datasheet HTML 3Page - Texas Instruments TAS5414A_17 Datasheet HTML 4Page - Texas Instruments TAS5414A_17 Datasheet HTML 5Page - Texas Instruments TAS5414A_17 Datasheet HTML 6Page - Texas Instruments TAS5414A_17 Datasheet HTML 7Page - Texas Instruments TAS5414A_17 Datasheet HTML 8Page - Texas Instruments TAS5414A_17 Datasheet HTML 9Page - Texas Instruments TAS5414A_17 Datasheet HTML 10Page - Texas Instruments TAS5414A_17 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
TAS5414A, TAS5424A
www.ti.com
SLOS535C
– MAY 2009 – REVISED APRIL 2011
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
PVDD
DC supply voltage range
Relative to GND
–0.3 to 30
V
PVDDMAX
Pulsed supply voltage range
t
≤ 100 ms exposure
–1 to 50
V
PVDDRAMP
Supply voltage ramp rate
15
V/ms
IPVDD
Externally imposed dc supply current per PVDD or GND pin
±12
A
IPVDD_MAX
Pulsed supply current per PVDD pin (one shot)
t
< 100 ms
17
A
IO
Maximum allowed dc current per output pin
±13.5
A
IO_MAX
(1)
Pulsed output current per output pin (single pulse)
t
< 100 ms
±17
A
IIN_MAX
Maximum current, all digital and analog input pins(2)
DC or pulsed
±1
mA
IMUTE_MAX
Maximum current on MUTE pin
DC or pulsed
±20
mA
IIN_ODMAX
Maximum sinking current for open-drain pins
7
mA
Input voltage range for logic pin relative to GND (SCL and
Supply voltage range:
VLOGIC
–0.3 to 7
V
SDA pins)
6.5 V
< PVDD < 24 V
Supply voltage range:
VI2C_ADDR
Input voltage range for I2C_ADDR pin relative to GND
–0.3 to 7
V
6.5 V
< PVDD < 24 V
Supply voltage range:
VSTANDBY
Input voltage range for STANDBY pin
–0.3 to 5.5
V
6.5 V
< PVDD < 24 V
Supply voltage range:
VOSC_SYNC
Input voltage range for OSC_SYNC pin relative to GND
–0.3 to 3.6
V
6.5 V
< PVDD < 24 V
Maximum instantaneous input voltage (per pin), analog input
Supply voltage range:
VAIN_MAX
6.5
V
pins
6.5 V
< PVDD < 24 V
Maximum ac-coupled input voltage for TAS5414A(2), analog
Supply voltage range:
VAIN_AC_MAX_5414
0 to 6.5
V
input pins
6.5 V
< PVDD < 24 V
Maximum ac-coupled differential input voltage for
Supply voltage range:
VAIN_AC_MAX_5424
0 to 6.5
V
TAS5424A(2), analog input pins
6.5 V
< PVDD < 24 V
Supply voltage range:
VAIN_DC
Input voltage range for analog pin relative to GND (INx pins)
–0.3 to 6.5
V
6.5 V
< PVDD < 24 V
VGND
Maximum voltage between GND pins
±0.3
V
TJ
Maximum operating junction temperature range
–55 to 150
°C
Tstg
Storage temperature range
–55 to 150
°C
Power dissipation
Continuous power dissipation
Tcase = 70°C
80
W
(1)
Pulsed current ratings are maximum survivable currents externally applied to the TAS5414A and TAS5424A. High currents may be
encountered during reverse battery, fortuitous open ground, and fortuitous open supply fault conditions.
(2)
See Application Information section for information on analog input voltage and ac coupling.
THERMAL CHARACTERISTICS
PARAMETER
VALUE (Typical)
UNIT
Junction-to-case (heat slug) thermal
RθJC
1
°C/W
resistance, DKD package
Junction-to-case (heat slug) thermal
RθJC
1.2
°C/W
resistance, PHD package
This device is not intended to be used without a heatsink. Therefore, RθJA
RθJA
Junction-to-ambient thermal resistance
°C/W
is not specified. See the Thermal Information section.
Exposed pad dimensions, DKD package
13.8
× 5.8
mm
Exposed pad dimensions, PHD package
8
× 8
mm
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
TYP
MAX
UNIT
PVDDOP
DC supply voltage range relative to GND
8
14.4
22
V
PVDDI2C
6
14.4
26.5
V
DC supply voltage range for I2C reporting
(1)
The Recommended Operating Conditions table specifies only that the device is functional in the given range. See the Electrical
Characteristics table for specified performance limits.
Copyright
© 2009–2011, Texas Instruments Incorporated
7
TAS5414A: Not Recommended For New Designs


Similar Part No. - TAS5414A_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5414A_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_08 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com