Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM365 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM365
Description  Digital Media System-on-Chip (DMSoC)
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM365 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320DM365 Datasheet HTML 1Page - Texas Instruments TMS320DM365 Datasheet HTML 2Page - Texas Instruments TMS320DM365 Datasheet HTML 3Page - Texas Instruments TMS320DM365 Datasheet HTML 4Page - Texas Instruments TMS320DM365 Datasheet HTML 5Page - Texas Instruments TMS320DM365 Datasheet HTML 6Page - Texas Instruments TMS320DM365 Datasheet HTML 7Page - Texas Instruments TMS320DM365 Datasheet HTML 8Page - Texas Instruments TMS320DM365 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 210 page
background image
TMS320DM365
SPRS457E
– MARCH 2009 – REVISED JUNE 2011
www.ti.com
Hardware 3A statistics collection module
• Four 64-Bit General-Purpose Timers (each
(H3A)
configurable as two 32-bit timers)
– Back End Provides:
• One 64-Bit Watch Dog Timer
Hardware On-Screen Display (OSD)
• Two UARTs (One fast UART with RTS and CTS
Flow Control)
Composite NTSC/PAL video encoder
output
• Five Serial Port Interfaces (SPI) each with two
Chip-Selects
8-/16-bit YCC and Up to 24-Bit RGB888
Digital Output
• One Master/Slave Inter-Integrated Circuit
(I2C) Bus
3 DACs for HD Analog Video Output
• One Multi-Channel Buffered Serial Port
LCD Controller
(McBSP)
BT.601/BT.656 Digital YCbCr 4:2:2
– I2S
(8-/16-Bit) Interface
– AC97 Audio Codec Interface
• Analog-to-Digital Convertor (ADC)
– S/PDIF via Software
• Power Management and Real Time Clock
Subsystem (PRTCSS)
– Standard Voice Codec Interface (AIC12)
– Real Time Clock
– SPI Protocol (Master Mode Only)
• 16-Bit Host-Port Interface (HPI)
– Direct Interface to T1/E1 Framers
• 10/100 Mb/s Ethernet Media Access Controller
– Time Division Multiplexed Mode (TDM)
(EMAC) - Digital Media
– 128 Channel Mode
– IEEE 802.3 Compliant
• Four Pulse Width Modulator (PWM) Outputs
– Supports Media Independent Interface (MII)
• Four RTO (Real Time Out) Outputs
– Management Data I/O (MDIO) Module
• Up to 104 General-Purpose I/O (GPIO) Pins
• Key Scan
(Multiplexed with Other Device Functions)
• Voice Codec
• Boot Modes
• External Memory Interfaces (EMIFs)
– On-Chip ARM ROM Bootloader (RBL) to Boot
From NAND Flash, MMC/SD, UART, USB,
– DDR2 and mDDR SDRAM 16-bit wide EMIF
SPI, EMAC, or HPI
With 256 MByte Address Space (1.8-V I/O)
– AEMIF (NOR and OneNAND)
– Asynchronous16-/8-bit Wide EMIF (AEMIF)
• Configurable Power-Saving Modes
Flash Memory Interfaces
• Crystal or External Clock Input (typically
– NAND (8-/16-bit Wide Data)
19.2 MHz, 24 MHz, 27 MHz or 36 MHz)
– 16 MB NOR Flash, SRAM
• Flexible PLL Clock Generators
– OneNAND(16-bit Wide Data)
• Debug Interface Support
• Flash Card Interfaces
– IEEE-1149.1 (JTAG™)
– Two Multimedia Card (MMC) / Secure Digital
Boundary-Scan-Compatible
(SD/SDIO)
– ETB (Embedded Trace Buffer) with 4K-Bytes
– SmartMedia/xD
Trace Buffer memory
• Enhanced Direct-Memory-Access (EDMA)
– Device Revision ID Readable by ARM
Controller (64 Independent Channels)
• 338-Pin Ball Grid Array (BGA) Package
• USB Port with Integrated 2.0 High-Speed PHY
(ZCE Suffix), 0.65-mm Ball Pitch
that Supports
• 65nm Process Technology
– USB 2.0 High-Speed Device
• 3.3-V and 1.8-V I/O, 1.2-V/ 1.35-V Internal
– USB 2.0 High-Speed Host (mini-host,
• Community Resources
supporting one external device)
– TI E2E Community
– USB On The Go (HS-USB OTG)
– TI Embedded Processors Wiki
2
TMS320DM365 Digital Media System-on-Chip (DMSoC)
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM365


Similar Part No. - TMS320DM365

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM365 TI-TMS320DM365 Datasheet
1Mb / 211P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365ZCE21 TI-TMS320DM365ZCE21 Datasheet
1Mb / 211P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365ZCE21 TI1-TMS320DM365ZCE21 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365ZCE21F TI-TMS320DM365ZCE21F Datasheet
1Mb / 211P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM365

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com