Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2P048F Datasheet(PDF) 1 Page - Rohm

Part # BM2P048F
Description  PWM type DC/DC converter IC Included a Switching MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P048F Datasheet(HTML) 1 Page - Rohm

  BM2P048F Datasheet HTML 1Page - Rohm BM2P048F Datasheet HTML 2Page - Rohm BM2P048F Datasheet HTML 3Page - Rohm BM2P048F Datasheet HTML 4Page - Rohm BM2P048F Datasheet HTML 5Page - Rohm BM2P048F Datasheet HTML 6Page - Rohm BM2P048F Datasheet HTML 7Page - Rohm BM2P048F Datasheet HTML 8Page - Rohm BM2P048F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Datasheet
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
.
1/19
TSZ02201-0F2F0A200210-1-2
28.Oct.2016.Rev.002
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
AC/DC Converter IC
PWM type DC/DC converter IC
Included a Switching MOSFET
BM2PXX5F/BM2PXX6F/BM2PXX7F/BM2PXX8F Series
General Description
The PWM type DC/DC converter (BM2PXXXF)
for AC/DC provides an optimal system for all products
that include an electrical outlet.
BM2PXXXF supports both isolated and non-
isolated devices, enabling simpler design of various
types of low-power electrical converters.
The built-in 650V HV starter circuit contributes
to low-power consumption.
A higher degree of design freedom can be
achieved with current detection resistors as external
devices. Current is restricted in each cycle and
excellent performance is demonstrated in bandwidth
and transient response since current mode control is
utilized. The switching frequency is 65 kHz. At light
load, the switching frequency is reduced and high
efficiency is achieved. A frequency hopping function
that contributes to low EMI is also included on chip.
Design can be easily implemented because
includes a 650V switching MOSFET.
Features
PWM frequency : 65kHz
PWM current mode control
Burst operation when load is light
Frequency reduction function
Built-in 650V starter circuit
Built-in 650V switching MOSFET
VCC pin Under-Voltage protection
VCC pin Over-Voltage protection
SOURCE pin Open Protection
SOURCE pin Short Protection
SOURCE pin Leading Edge Blanking function
Per-cycle Over-Current Protection Circuit
Soft start
Secondary Over-Current Protection Circuit
Basic specifications
Operating Power Supply Voltage Range:
VCC
8.9V to 26.0V
DRAIN
to 650V
Normal Operating Current:
(BM2Px5xF) :0.60mA (Typ.)
(BM2Px9xF) :0.50mA (Typ.)
Burst
Operating Current:
0.30mA(Typ.)
Oscillation Frequency:
65kHz(Typ.)
Operating Temperature:
- 40deg. to +105deg.
MOSFET ON Resistance:
BM2Px5xF:4.0Ω (Typ.)
BM2Px9xF:8.5Ω (Typ.)
Package
SOP8
5.00mm x 6.20mm x 1.71mm pitch 1.27mm
(Typ.)
(Typ.)
(TYP.)
(TYP.)
Applications
For AC adapters and household appliances (vacuum
cleaners, humidifiers, air cleaners, air conditioners, IH
cooking heaters, rice cookers, etc.)
Application Circuit
Figure 1.
Application Circuit


Similar Part No. - BM2P048F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
More results

Similar Description - BM2P048F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P015-Z ROHM-BM2P015-Z Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Included a Switching MOSFET
26.Oct.2021 Rev.005
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
BM2P0391 ROHM-BM2P0391 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF ROHM-BM2P074KF Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P054F ROHM-BM2P054F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com