Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5424ATDKDRQ1G4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5424ATDKDRQ1G4
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5424ATDKDRQ1G4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5424ATDKDRQ1G4 Datasheet HTML 4Page - Texas Instruments TAS5424ATDKDRQ1G4 Datasheet HTML 5Page - Texas Instruments TAS5424ATDKDRQ1G4 Datasheet HTML 6Page - Texas Instruments TAS5424ATDKDRQ1G4 Datasheet HTML 7Page - Texas Instruments TAS5424ATDKDRQ1G4 Datasheet HTML 8Page - Texas Instruments TAS5424ATDKDRQ1G4 Datasheet HTML 9Page - Texas Instruments TAS5424ATDKDRQ1G4 Datasheet HTML 10Page - Texas Instruments TAS5424ATDKDRQ1G4 Datasheet HTML 11Page - Texas Instruments TAS5424ATDKDRQ1G4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
TAS5414A, TAS5424A
SLOS535C
– MAY 2009 – REVISED APRIL 2011
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
(continued)
MIN
TYP
MAX
UNIT
VAIN_5414
(2)
Analog audio input signal level (TAS5414A)
AC-coupled input voltage
0
0.25
–1(3)
Vrms
Analog audio input signal level (TAS5424A)
AC-coupled input voltage
0
Vrms
VAIN_5424
(2)
0.5
–2(3)
fAUDIO_TW
Audio frequency for tweeter detect
10
20
25
kHz
TA
Ambient temperature
–40
105
°C
An adequate heat sink is required
TJ
Junction temperature
–40
115
°C
to keep TJ within specified range.
RL
Nominal speaker load impedance
2
4
VPU
Pullup voltage supply (for open-drain logic outputs)
3
3.3 or 5
5.5
V
Resistor connected between
RPU_EXT
External pullup resistor on open-drain logic outputs
open-drain logic output and VPU
10
47
100
k
supply
RPU_I2C
1
4.7
10
k
I2C pullup resistance on SDA and SCL pins
Total resistance of voltage divider for I2C address
RI2C_ADD
10
100
k
slave 1 or slave 2, connected between D_BYP and
GND pins
RREXT
External resistance on REXT pin
1% tolerance required
19.8
20
20.2
k
CD_BYP
External capacitance on D_BYP pin
10
120
nF
CA_BYP
External capacitance on A_BYP pin
10
120
nF
External capacitance to analog input pin in series
CIN
1
μF
with input signal
CFLY
Flying capacitor on charge pump
0.47
1
1.5
μF
CP
Charge pump capacitor
0.47
1
1.5
μF
CMUTE
Capacitance on MUTE pin
100
330
nF
COSCSYNC_MAX
Allowed loading capacitance on OSC_SYNC pin
5
pF
(2)
Signal input for full unclipped output with gains of 32 dB, 26 dB, 20 dB, and 12 dB
(3)
Maximum recommended input voltage is determined by the gain setting.
8
Copyright
© 2009–2011, Texas Instruments Incorporated
TAS5414A: Not Recommended For New Designs


Similar Part No. - TAS5424ATDKDRQ1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5424ATDKDRQ1G4 TI-TAS5424ATDKDRQ1G4 Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424ATDKDRQ1G4 TI-TAS5424ATDKDRQ1G4 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5424ATDKDRQ1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_08 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com