Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2P129TF Datasheet(PDF) 8 Page - Rohm

Part # BM2P129TF
Description  PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P129TF Datasheet(HTML) 8 Page - Rohm

Back Button BM2P129TF Datasheet HTML 4Page - Rohm BM2P129TF Datasheet HTML 5Page - Rohm BM2P129TF Datasheet HTML 6Page - Rohm BM2P129TF Datasheet HTML 7Page - Rohm BM2P129TF Datasheet HTML 8Page - Rohm BM2P129TF Datasheet HTML 9Page - Rohm BM2P129TF Datasheet HTML 10Page - Rohm BM2P129TF Datasheet HTML 11Page - Rohm BM2P129TF Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8/20
Datasheet
Datasheet
BM2P139TF/BM2P135TF/BM2P137TKF/BM2P129TF
SZ02201-0F1F0A200260-1-2
20.Feb.2017.Rev.001
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
(4) Start circuit
This IC enables low standby electric power and high-speed startup because it has a built-in start circuit. The
consumption current after startup is only idling current IDSS (typ=10uA). The startup current flows from the DRAIN pin.
Figure 5. Start circuit
Figure 6. Start up current vs. VCC voltage


Similar Part No. - BM2P129TF

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P129TF ROHM-BM2P129TF Datasheet
960Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 12V
BM2P129TF ROHM-BM2P129TF Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
BM2P129TFVK-001 ROHM-BM2P129TFVK-001 Datasheet
960Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 12V
BM2P129TF ROHM-BM2P129TF_18 Datasheet
960Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 12V
More results

Similar Description - BM2P129TF

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P139TF ROHM-BM2P139TF Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
BM2P161W-Z ROHM-BM2P161W-Z Datasheet
857Kb / 24P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
26.Oct.2021 Rev.005
BM2P161W ROHM-BM2P161W Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
BM2P249Q ROHM-BM2P249Q Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
BM2P249Q-Z ROHM-BM2P249Q-Z Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
25.Mar.2019 Rev.003
BM2P159PF ROHM-BM2P159PF Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
BM2P134QF ROHM-BM2P134QF Datasheet
1Mb / 27P
   PWM Type DC/DC Converter IC Built-in Switching MOSFET for Non-Isolated Type
BM2P189TF ROHM-BM2P189TF Datasheet
1Mb / 27P
   PWM Type DC/DC Converter IC Built-in Switching MOSFET for Non-Isolated Type
BM2P134Q ROHM-BM2P134Q Datasheet
1Mb / 27P
   PWM Type DC/DC Converter IC Built-in Switching MOSFET for Non-Isolated Type
BM2P121XH-Z ROHM-BM2P121XH-Z Datasheet
1Mb / 30P
   Non-isolated Type PWM DC/DC Converter IC Built-in Switching MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com