Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2PA48F Datasheet(PDF) 6 Page - Rohm

Part # BM2PA48F
Description  PWM type DC/DC converter IC Included a Switching MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2PA48F Datasheet(HTML) 6 Page - Rohm

Back Button BM2PA48F Datasheet HTML 2Page - Rohm BM2PA48F Datasheet HTML 3Page - Rohm BM2PA48F Datasheet HTML 4Page - Rohm BM2PA48F Datasheet HTML 5Page - Rohm BM2PA48F Datasheet HTML 6Page - Rohm BM2PA48F Datasheet HTML 7Page - Rohm BM2PA48F Datasheet HTML 8Page - Rohm BM2PA48F Datasheet HTML 9Page - Rohm BM2PA48F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/19
Datasheet
Datasheet
BM2PXX5F/BM2PXX6F/BM2PXX7F/BM2PXX8F Series
TSZ02201-0F2F0A200210-1-2
28.Oct.2016.Rev.002
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Line up
On Resistance
[ ohm typ. ]
VCC OVP
Function
FB OLP
Frequency
Reduction Function
1BM2P095F
8.50
2BM2P045F
4.00
3BM2P096F
8.50
4BM2P046F
4.00
5BM2P097F
8.50
6BM2P047F
4.00
7BM2P098F
8.50
8BM2P048F
4.00
9BM2PA95F
8.50
10
BM2PA45F
4.00
11
BM2PA96F
8.50
12
BM2PA46F
4.00
13
BM2PA97F
8.50
14
BM2PA47F
4.00
15
BM2PA98F
8.50
16
BM2PA48F
4.00
Latch
Latch
-
Auto Restart
Latch
-
Latch
Auto Restart
-
Auto Restart
Auto Restart
-
Latch
Latch
Auto Restart
Latch
Latch
Auto Restart
Auto Restart
Auto Restart


Similar Part No. - BM2PA48F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
More results

Similar Description - BM2PA48F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P015-Z ROHM-BM2P015-Z Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Included a Switching MOSFET
26.Oct.2021 Rev.005
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
BM2P0391 ROHM-BM2P0391 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF ROHM-BM2P074KF Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P054F ROHM-BM2P054F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com