Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRN1615SC103JCB Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CRN1615SC103JCB
Description  Resistor Arrays & Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRN1615SC103JCB Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CRN1615SC103JCB Datasheet HTML 1Page - American Accurate Components, Inc. CRN1615SC103JCB Datasheet HTML 2Page - American Accurate Components, Inc. CRN1615SC103JCB Datasheet HTML 3Page - American Accurate Components, Inc. CRN1615SC103JCB Datasheet HTML 4Page - American Accurate Components, Inc. CRN1615SC103JCB Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
American Accurate Components, Inc.
Resistor Arrays & Networks
188 Technolgoy Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
1
HOW TO ORDER
CRN16
8
SU
103
J
A
M
Packaging
M = 7” Reel, B = Bulk
Terminal Style
A = Convex Round
B = Concave
C = Convex Square
Resistance Tolerance
J = +5%, F = +1%
Resistance Value
2 sig. fig & 1 multiplier +5%
3 sig. fig & 1 multiplier +1%
Circuit Type/Pattern
Refer to Circuit Schematic
V , SU, or SC
Resistors
2, 4, 8, 15
Series
CRN06 = 0.6mm Width
CRN10 = 1.0mm
CRN16 = 1.6mm
CRN21 = 2.1mm
CRN31 = 3.1mm
CRN76 = 7.6mm
ELECTRICAL SPECIFICATIONS SMALL/STANDARD SIZE
Series
Resistor/Pin
Circuit
Terminal
Resistance
(ohm)
Tolerance
Power
Rating*
Voltage
Operating
Temperature
Working
Overload
CRN06-2V
2
4
Isolated
C
10- 1M
±
5%
0.031W
25V
50V
-55°C ~ +125°C
CRN10-2V
2
4
Isolated
C
10- 1M
±
5%
0.063W
25V
50V
-55°C ~ +125°C
CRN10-4V
4
8
Isolated
B, C
10- 1M
±
1%, ±5%
0.063W
25V
50V
-55°C ~ +125°C
CRN16-2V
2
4
Isolated
B, C
0, 10- 1M
±
5%
0.063W
50V
100V
-55°C ~ +125°C
CRN16-4V
4
8
Isolated
A, B, C
0, 10- 1M
±
1%, ±2%, ±5%
0.063W
50V
100V
-55°C ~ +125°C
CRN16-8V
8
16
Isolated
C
0, 10- 1M
±
1%, ±5%
0.031W
25V
50V
-55°C ~ +125°C
CRN16-8SU
8
10
Bussed
C
0, 10- 1M
±
5%
0.031W
25V
50V
-55°C ~ +125°C
CRN21-8SC
8
10
Bussed
B
0, 10- 1M
±
5%
0.063W
25V
50V
-55°C ~ +125°C
* Power rating is @ 70°C
ELECTRICAL SPECIFICATIONS STANDARD/LARGE SIZE
CRN31-4V
4
8
Isolated
A, B, C
0, 10- 1M
±
1%, ±2%, ±5%
0.125W
50V
100V
-55°C ~ +125°C
CRN31-8SU
8
10
Bussed
B, C
0, 10- 1M
±
1%, ±2%, ±5%
0.063W
50V
100V
-55°C ~ +125°C
CRN31-8V
8
16
Isolated
A
0, 10- 1M
±
5%
0.063W
50V
100V
-55°C ~ +125°C
CRN31-15SU
15
16
Bussed
A
0, 10- 1M
±
5%
0.063W
50V
100V
-55°C ~ +125°C
CRN76-8V
8
16
Isolated
A
0, 10- 1M
±
5%
0.125W
50V
100V
-55°C ~ +125°C
CRN76-15SU
15
16
Bussed
A
0, 10- 1M
±
5%
0.063W
50V
100V
-55°C ~ +125°C
* Power rating is @ 70°C
FEATURES
Single Component reduces board space and
component count
Resistance Tolerances of +5%, +2%, and +1%
Convex and Concave Termination
Isolated and Bussed Circuitry
Flow Solderable
RoHS Compliant
Sn Termination
CONSTRUCTION


Similar Part No. - CRN1615SC103JCB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRN162SC102FAM AAC-CRN162SC102FAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
CRN162SC102FBM AAC-CRN162SC102FBM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
CRN162SC102JAM AAC-CRN162SC102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
CRN162SC102JBM AAC-CRN162SC102JBM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
CRN162SC103FAM AAC-CRN162SC103FAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
More results

Similar Description - CRN1615SC103JCB

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSN NIC-NRSN Datasheet
337Kb / 3P
   Chip Resistor Arrays/Networks
NRSNA4I4J102TRF NIC-NRSNA4I4J102TRF Datasheet
106Kb / 4P
   Chip Resistor Arrays/Networks
NRSNA4I4J510TRF NIC-NRSNA4I4J510TRF Datasheet
106Kb / 4P
   Chip Resistor Arrays/Networks
logo
American Accurate Compo...
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
   Ultra Precision Resistor Arrays & Networks
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R5T ACCUTEK-AK06G-R5T_09 Datasheet
112Kb / 4P
   RESISTOR NETWORKS
logo
TT Electronics.
628-L TTELEC-628-L Datasheet
181Kb / 4P
   Resistor Networks
NQS TTELEC-NQS Datasheet
149Kb / 5P
   Resistor Networks
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R8DTL ACCUTEK-AK06G-R8DTL_09 Datasheet
124Kb / 4P
   RESISTOR NETWORKS
AK6G-R2RL ACCUTEK-AK6G-R2RL_09 Datasheet
150Kb / 4P
   RESISTOR NETWORKS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com