Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCBUP7TC6 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # VCBUP7TC6
Description  Digital Media System-on-Chip
Download  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCBUP7TC6 Datasheet(HTML) 2 Page - Texas Instruments

  VCBUP7TC6 Datasheet HTML 1Page - Texas Instruments VCBUP7TC6 Datasheet HTML 2Page - Texas Instruments VCBUP7TC6 Datasheet HTML 3Page - Texas Instruments VCBUP7TC6 Datasheet HTML 4Page - Texas Instruments VCBUP7TC6 Datasheet HTML 5Page - Texas Instruments VCBUP7TC6 Datasheet HTML 6Page - Texas Instruments VCBUP7TC6 Datasheet HTML 7Page - Texas Instruments VCBUP7TC6 Datasheet HTML 8Page - Texas Instruments VCBUP7TC6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 355 page
background image
TMS320DM6467
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
www.ti.com
– Absolute Time Stamp Detection
• Three Configurable UART/IrDA/CIR Modules
(One With Modem Control Signals)
– PID Filter With 7 PID Filter Tables
– Supports up to 1.8432 Mbps UART
– Corresponding Clock Reference Generator
(CRGEN) Modules for System Time-Clock
– SIR and MIR (0.576 MBAUD)
Recovery
– CIR With Programmable Data Encoding
• External Memory Interfaces (EMIFs)
• One Serial Peripheral Interface (SPI) With Two
– 297-/310.5-MHz 32-Bit DDR2 SDRAM Memory
Chip-Selects
Controller With 512M-Byte Address Space
• Master/Slave Inter-Integrated Circuit (I2C Bus™)
(1.8-V I/O)
• Two Multichannel Audio Serial Ports (McASPs)
– Asynchronous16-Bit-Wide EMIF (EMIFA)
– One Four-Serializer Transmit/Receive Port
With 128M-Byte Address Reach
– One Single DIT Transmit Port for S/PDIF
Flash Memory Interfaces
• 32-Bit Host Port Interface (HPI)
NOR (8-/16-Bit-Wide Data)
• VLYNQ™ Interface (FPGA Interface)
NAND (8-/16-Bit-Wide Data)
• Two Pulse Width Modulator (PWM) Outputs
• Enhanced Direct-Memory-Access (EDMA)
• ATA/ATAPI I/F (ATA/ATAPI-6 Specification)
Controller (64 Independent Channels)
• Up to 33 General-Purpose I/O (GPIO) Pins
– Programmable Default Burst Size
(Multiplexed With Other Device Functions)
• 10/100/1000 Mb/s Ethernet MAC (EMAC)
• On-Chip ARM ROM Bootloader (RBL)
– IEEE 802.3 Compliant (3.3-V I/O Only)
• Individual Power-Saving Modes for ARM/DSP
– Supports MII and GMII Media Independent
• Flexible PLL Clock Generators
Interfaces
• IEEE-1149.1 (JTAG) Boundary-
– Management Data I/O (MDIO) Module
Scan-Compatible
• USB Port With Integrated 2.0 PHY
• 529-Pin Pb-Free BGA Package
– USB 2.0 High-/Full-Speed Client
(CUT Suffix), 0.8-mm Ball Pitch
– USB 2.0 High-/Full-/Low-Speed Host
• 0.09-
μm/7-Level Cu Metal Process (CMOS)
(Mini-Host, Supporting One External
• 3.3-V and 1.8-V I/O, 1.2-/1.05-V Internal
Device)
• Applications:
• 32-Bit, 33-MHz, 3.3-V Peripheral Component
– Video Encode/Decode/Transcode/Transrate
Interconnect (PCI) Master/Slave Interface
– Digital Media
– Conforms to PCI Specification 2.3
– Networked Media Encode/Decode
• Two 64-Bit General-Purpose Timers (Each
– Video Imaging
Configurable as Two 32-Bit Timers)
– Video Infrastructure
• One 64-Bit Watchdog Timer
– Video Conferencing
2
Digital Media System-on-Chip (DMSoC)
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467


Similar Part No. - VCBUP7TC6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCBUP7CT1 TI1-VCBUP7CT1 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - VCBUP7TC6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com