Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28030RSH Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320F28030RSH
Description  Piccolo Microcontrollers
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28030RSH Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320F28030RSH Datasheet HTML 2Page - Texas Instruments TMS320F28030RSH Datasheet HTML 3Page - Texas Instruments TMS320F28030RSH Datasheet HTML 4Page - Texas Instruments TMS320F28030RSH Datasheet HTML 5Page - Texas Instruments TMS320F28030RSH Datasheet HTML 6Page - Texas Instruments TMS320F28030RSH Datasheet HTML 7Page - Texas Instruments TMS320F28030RSH Datasheet HTML 8Page - Texas Instruments TMS320F28030RSH Datasheet HTML 9Page - Texas Instruments TMS320F28030RSH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 161 page
background image
Copyright © 2009–2016, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: TMS320F28030 TMS320F28031 TMS320F28032 TMS320F28033 TMS320F28034
TMS320F28035
6
TMS320F28030, TMS320F28031, TMS320F28032
TMS320F28033, TMS320F28034, TMS320F28035
SPRS584K – APRIL 2009 – REVISED JUNE 2016
www.ti.com
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the
basic functionality of the module. These device-specific differences are listed in the C2000 Real-Time Control Peripherals Reference Guide and in the peripheral reference guides.
3
Device Comparison
Table 3-1 lists the features of the TMS320F2803x devices.
Table 3-1. Device Comparison
FEATURE
TYPE
(1)
28030
(60 MHz)
28031
(60 MHz)
28032
(60 MHz)
28033
(60 MHz)
28034
(60 MHz)
28035
(60 MHz)
Package Type
80-Pin
PN
LQFP
64-Pin
PAG
TQFP
56-Pin
RSH
VQFN
80-Pin
PN
LQFP
64-Pin
PAG
TQFP
56-Pin
RSH
VQFN
80-Pin
PN
LQFP
64-Pin
PAG
TQFP
56-Pin
RSH
VQFN
80-Pin
PN
LQFP
64-Pin
PAG
TQFP
56-Pin
RSH
VQFN
80-Pin
PN
LQFP
64-Pin
PAG
TQFP
56-Pin
RSH
VQFN
80-Pin
PN
LQFP
64-Pin
PAG
TQFP
56-Pin
RSH
VQFN
Instruction cycle
16.67 ns
16.67 ns
16.67 ns
16.67 ns
16.67 ns
16.67 ns
Control Law Accelerator (CLA)
0
No
No
No
Yes
No
Yes
On-chip flash (16-bit word)
16K
32K
32K
32K
64K
64K
On-chip SARAM (16-bit word)
6K
8K
10K
10K
10K
10K
Code security for on-chip
flash/SARAM/OTP blocks
Yes
Yes
Yes
Yes
Yes
Yes
Boot ROM (8K x 16)
Yes
Yes
Yes
Yes
Yes
Yes
One-time programmable (OTP) ROM
(16-bit word)
1K
1K
1K
1K
1K
1K
ePWM channels
1
14
12
8
14
12
8
14
12
8
14
12
8
14
12
8
14
12
8
eCAP inputs
0
1
1
1
1
1
1
eQEP modules
0
1
1
1
1
1
1
Watchdog timer
Yes
Yes
Yes
Yes
Yes
Yes
12-Bit ADC
MSPS
3
2.0
2.0
4.6
4.6
4.6
4.6
Conversion Time
500.00 ns
500.00 ns
216.67 ns
216.67 ns
216.67 ns
216.67 ns
Channels
16
14
13
16
14
13
16
14
13
16
14
13
16
14
13
16
14
13
Temperature Sensor
Yes
Yes
Yes
Yes
Yes
Yes
Dual Sample-and-Hold
Yes
Yes
Yes
Yes
Yes
Yes
32-Bit CPU timers
3
3
3
3
3
3
High-resolution ePWM Channels
1
7
6
4
7
6
4
7
6
4
7
6
4
High-resolution Capture (HRCAP)
Modules
0
2
2
2
2
2
2
2
2
Comparators with Integrated DACs
0
3
3
3
3
3
3
Inter-integrated circuit (I2C)
0
1
1
1
1
1
1
Enhanced Controller Area Network
(eCAN)
0
1
1
1
1
1
1
Local Interconnect Network (LIN)
0
1
1
1
1
1
1
Serial Peripheral Interface (SPI)
1
2
1
1
2
1
1
2
1
1
2
1
1
2
1
1
2
1
1
Serial Communications Interface (SCI)
0
1
1
1
1
1
1
I/O pins
(shared)
GPIO
45
33
26
45
33
26
45
33
26
45
33
26
45
33
26
45
33
26
AIO
6
6
6
6
6
6


Similar Part No. - TMS320F28030RSH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030RSH TI1-TMS320F28030RSH Datasheet
1Mb / 160P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030RSH TI1-TMS320F28030RSH Datasheet
2Mb / 162P
[Old version datasheet]   TMS320F2803x Piccolo??Microcontrollers
TMS320F28030RSH TI-TMS320F28030RSH Datasheet
2Mb / 165P
[Old version datasheet]   TMS320F2803x Microcontrollers
TMS320F28030RSH TI-TMS320F28030RSH Datasheet
2Mb / 167P
[Old version datasheet]   TMS320F2803x Microcontrollers
TMS320F28030RSHS TI-TMS320F28030RSHS Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28030RSH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com