Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4120IDGN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4120IDGN
Description  HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4120IDGN Datasheet(HTML) 4 Page - Texas Instruments

  TLV4120IDGN Datasheet HTML 1Page - Texas Instruments TLV4120IDGN Datasheet HTML 2Page - Texas Instruments TLV4120IDGN Datasheet HTML 3Page - Texas Instruments TLV4120IDGN Datasheet HTML 4Page - Texas Instruments TLV4120IDGN Datasheet HTML 5Page - Texas Instruments TLV4120IDGN Datasheet HTML 6Page - Texas Instruments TLV4120IDGN Datasheet HTML 7Page - Texas Instruments TLV4120IDGN Datasheet HTML 8Page - Texas Instruments TLV4120IDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TLV4120
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL
AMPLIFIER WITH SHUTDOWN
SLOS310A – DECEMBER 2000 – REVISED MARCH 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 2.7 V and 5 V (unless
otherwise noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNITS
IOH = 10 mA
25
°C
2.6
2.67
VDD =2 7V VIC =VDD/2
IOH = –10 mA
Full range
2.58
VDD = 2.7 V, VIC = VDD/2
IOH = 100 mA
25
°C
2.35
2.4
IOH =–100 mA
Full range
2.3
VOH
High level output voltage
IOH = 10 mA
25
°C
4.9
4.96
V
VOH
High-level output voltage
IOH = –10 mA
Full range
4.88
V
VDD =5V VIC =VDD/2
IOH = 100 mA
25
°C
4.7
4.8
VDD = 5 V, VIC = VDD/2
IOH = –100 mA
Full range
4.65
IOH = 200 mA
25
°C
4.45
4.55
IOH = –200 mA
Full range
4.38
IOL =10mA
25
°C
0.03
0.1
VDD =27V VIC =VDD/2
IOL = 10 mA
Full range
0.12
VDD = 2.7 V , VIC = VDD/2
IOL = 100 mA
25
°C
0.3
0.4
IOL = 100 mA
Full range
0.5
VOL
Low level output voltage
IOL =10mA
25
°C
0.03
0.1
V
VOL
Low–level output voltage
IOL = 10 mA
Full range
0.12
V
VDD =5V VIC =VDD/2
IOL = 100 mA
25
°C
0.2
0.3
VDD = 5 V, VIC = VDD/2
IOL = 100 mA
Full range
0.35
IOL = 200 mA
25
°C
0.5
0.55
IOL = 200 mA
Full range
0.62
IO
Output current
Measured at 0 5 V from rail
VDD = 2.7 V
25
°C
320
mA
IO
Output current
Measured at 0.5 V from rail
VDD = 5 V
25
°C
200
mA
† Full range is– 40
°C to 85°C for I suffix.
power supply
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNITS
IDD
Supply current
VO =VDD/2 SHDN = <Vdd/3 V
25
°C
1.4
1.7
mA
IDD
Supply current
VO = VDD/2, SHDN = <Vdd/3 V
Full range
2.3
mA
VDD =2.7 to 3.3 V,
25
°C
80
94
PSRR
Power supply rejection ratio (
∆VDD / ∆VIO)
DD
,
VIC = VDD/2 V, No load
Full range
75
dB
PSRR
Power supply rejection ratio (
∆VDD / ∆VIO)
VDD =2.7 to 5 V,
25
°C
70
84
dB
DD
VIC = VDD/2 V, No load
Full range
65
† Full range is – 40
°C to 85°C for I suffix.


Similar Part No. - TLV4120IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4120IDGN TI1-TLV4120IDGN Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120IDGNG4 TI1-TLV4120IDGNG4 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120IDGNR TI1-TLV4120IDGNR Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - TLV4120IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4112-DIE TI1-TLV4112-DIE Datasheet
74Kb / 5P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI1-TLV4110_13 Datasheet
1Mb / 35P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV710 TI-LMV710 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV710-N TI1-LMV710-N_16 Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com