Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4120IDGN Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4120IDGN
Description  HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4120IDGN Datasheet(HTML) 2 Page - Texas Instruments

  TLV4120IDGN Datasheet HTML 1Page - Texas Instruments TLV4120IDGN Datasheet HTML 2Page - Texas Instruments TLV4120IDGN Datasheet HTML 3Page - Texas Instruments TLV4120IDGN Datasheet HTML 4Page - Texas Instruments TLV4120IDGN Datasheet HTML 5Page - Texas Instruments TLV4120IDGN Datasheet HTML 6Page - Texas Instruments TLV4120IDGN Datasheet HTML 7Page - Texas Instruments TLV4120IDGN Datasheet HTML 8Page - Texas Instruments TLV4120IDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TLV4120
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL
AMPLIFIER WITH SHUTDOWN
SLOS310A – DECEMBER 2000 – REVISED MARCH 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
±VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current,IO (see Note 2)
800 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous /RMS output current, IO (each output of amplifier): TJ ≤ 105°C
350 mA
. . . . . . . . . . . . . . . . . . . .
TJ ≤ 150°C
110 mA
. . . . . . . . . . . . . . . . . . . .
Peak output current, IO (each output of amplifier: TJ ≤ 105°C
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TJ ≤ 150°C
155 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: I suffix
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to GND.
2. To prevent permanent damage the die temperature must not exceed the maximum junction temperature.
DISSIPATION RATING TABLE
PACKAGE
θJC
(
°C/W)
θJA
(
°C/W)
TA ≤ 25°C
POWER RATING
TA = 85°C
POWER RATING
DGN (8)‡
4.7
52.7
2.37 W
1.23 W
‡ See The Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report (literature number
SLMA002), for more information on the PowerPAD package. The thermal data was measured on a PCB layout based
on the information in the section entitled Texas Instruments Recommended Board for PowerPAD on page 33 of the before
mentioned document.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.7
5.5
V
Common-mode input voltage range, VICR
0.5
VDD–0.5
V
Operating free-air temperature, TA
I-suffix
–40
85
°C
§
V(on)
<VDD/3
V
Shutdown turnon/off voltage level§
V(off)
>VDD×0.75
V
§ Relative to GND


Similar Part No. - TLV4120IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4120IDGN TI1-TLV4120IDGN Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120IDGNG4 TI1-TLV4120IDGNG4 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120IDGNR TI1-TLV4120IDGNR Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - TLV4120IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4112-DIE TI1-TLV4112-DIE Datasheet
74Kb / 5P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI1-TLV4110_13 Datasheet
1Mb / 35P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV710 TI-LMV710 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV710-N TI1-LMV710-N_16 Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com