Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDR-960 Datasheet(PDF) 1 Page - Total Power International

Part # TDR-960
Description  960W Three Phase Industrial DIN RAIL with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TDR-960 Datasheet(HTML) 1 Page - Total Power International

  TDR-960 Datasheet HTML 1Page - Total Power International TDR-960 Datasheet HTML 2Page - Total Power International TDR-960 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.6
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
WORKINGTEMP.
Note.5
CURRENTSHARING
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
DCOKREALY CONTACTRATINGS(max.)
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
1000ms,100ms/400VAC
800ms,100ms/500VACatfullload
12ms/400VAC
atfullload
14ms/500VAC
Three-Phase340~550VAC(Dualphaseoperationpossible)480~780VDC
47~63Hz
94%
2A/400VAC1.4A/500VAC
56~65V
85
5
(TSW)detectonheatsinkofpowerswitch
¢J¡Ó ¢J
94.5%
COLDSTART 60A
<3.5mA /530VAC
29~33V
Protectiontype:Constantcurrentlimiting,unitwillshutdownafter3sec.,re-powerontorecover
Protectiontype:Shutdowno/pvoltage, re-powerontorecover
90
5
(TSW)detectonheatsinkofpowerswitch
¢J¡Ó ¢J
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL508approved
CompliancetoEN55022(CISPR22),EN61204-3ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61000-6-2(EN50082-2),EN61204-3,heavyindustrylevel,criteria A approved
-30~+70
¢J (Referto"DeratingCurve")
Pleaserefertofunctionmanual
60Vdc/0.3A,30Vdc/1A,30Vac/0.5A resistiveload
20~95%RHnon-condensing
-40~+85
,10~95%RH
¢J
¡Ó
¢J
¢J)
0.03%/
(0~50
Component:10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6
59.4Khrsmin.MIL-HDBK-217F(25
)
¢J
110*125.2*150mm(W*H*D)
2.47Kg;6pcs/15.8Kg/1.47CUFT
TDR-960-48
48V
20A
0~20A
960W
250mVp-p
48~55V
¡Ó1.0%
¡Ó0.5%
¡Ó1.0%
TDR-960-24
24V
40A
0~40A
960W
180mVp-p
24~28V
¡Ó1.0%
¡Ó0.5%
¡Ó1.0%
¡½ Features :
TDR-960 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:2KVACO/P-FG:0.5KVAC
O/P-DCOK:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:>100MOhms/500VDC/25
/70%RH
¢J
ENVIRONMENT
SAFETY &
FUNCTION
EMC
(Note4)
PROTECTION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 400VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Installation clearances : 40mm on top, 20mm on the bottom, 5mm on the left and right side are recommended when loaded permanently with full power.
In case the adjacent device is a heat source, 15mm clearance is recommended.
6. Derating may be needed under low input voltage. Please check the derating curve for more details.
7. Dual phase operation: derating of 20% is required.
¢J
960W ThreePhaseIndustrialDINRAIL withPFCFunction
Three-Phase AC 340 ~ 550V wide range input
(Dual phase operation possible)
Width only 110mm
High efficiency 94.5% and low power dissipation
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
Built-in constant current limiting circuit
Can be installed on DIN rail TS-35/7.5 or 15
UL508(industrial control equipment)approved
EN61000-6-2(EN50082-2) industrial immunity level
Current sharing up to 3840W(3+1)
Built-in DC OK relay contact
100% full load burn-in test
3 years warranty
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
Built-in active PFC function compliance to EN61000-3-2
105~130% ratedoutputpower
POWERFACTOR (Typ.)
PF
0.88/400VACPF
0.86/500VACatfullload
¡Ù
¡Ù
EMCIMMUNITY
EMCEMISSION
FileName:TDR-960-SPEC2012-07-24
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - TDR-960

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TDR-960 MEANWELL-TDR-960 Datasheet
302Kb / 3P
   960W Three Phase Industrial DIN RAIL with PFC Function
More results

Similar Description - TDR-960

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TDR-960 MEANWELL-TDR-960 Datasheet
302Kb / 3P
   960W Three Phase Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-960 TOTAL-POWER-SDR-960 Datasheet
201Kb / 3P
   960W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
SDR-960 MEANWELL-SDR-960 Datasheet
357Kb / 3P
   960W Single Output Industrial DIN RAIL with PFC Function
TDR-240 MEANWELL-TDR-240 Datasheet
2Mb / 4P
   240W Slim Three Phase Industrial DIN Rail with PFC Function
logo
Total Power Internation...
DRT-960 TOTAL-POWER-DRT-960 Datasheet
380Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRT-960 ASTRODYNE-DRT-960 Datasheet
377Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-960 MEANWELL-DRT-960_11 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-960 MEANWELL-DRT-960_09 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-960 MEANWELL-DRT-960 Datasheet
291Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Altech corporation
PST-960 ALTECH-PST-960_1 Datasheet
134Kb / 2P
   960W Three Phase Industrial DIN Rail Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com