Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2011D1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2011D1
Description  3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2011D1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2011D1 Datasheet HTML 4Page - Texas Instruments TPA2011D1 Datasheet HTML 5Page - Texas Instruments TPA2011D1 Datasheet HTML 6Page - Texas Instruments TPA2011D1 Datasheet HTML 7Page - Texas Instruments TPA2011D1 Datasheet HTML 8Page - Texas Instruments TPA2011D1 Datasheet HTML 9Page - Texas Instruments TPA2011D1 Datasheet HTML 10Page - Texas Instruments TPA2011D1 Datasheet HTML 11Page - Texas Instruments TPA2011D1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
VDD − Supply Voltage − V
2.5
3.0
3.5
4.0
4.5
5.0
0
1
2
3
4
RL = 4 Ω, THD+N = 1 %
RL = 4 Ω, THD+N = 10 %
RL = 8 Ω, THD+N = 1 %
RL = 8 Ω, THD+N = 10 %
Frequency = 1 kHz
Gain = 6 dB
RL − Load Resistance − Ω
4
8
12
16
20
24
28
32
0
1
2
3
4
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
THD+N = 1 %
Frequency = 1 kHz
Gain = 6 dB
RL − Load Resistance − Ω
4
8
12
16
20
24
28
32
0
1
2
3
4
5
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
THD+N = 10 %
Frequency = 1 kHz
Gain = 6 dB
VDD − Supply Voltage − V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.00
1.25
1.50
1.75
2.00
RL = No Load
RL = 8 Ω + 33 µH
RL = 4 Ω + 33 µH
Gain = 6 dB
VEN − EN Voltage − V
0.0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
Gain = 6 dB
TPA2011D1
SLOS626B – DECEMBER 2009 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
VDD = 3.6 V, CI = 0.1 μF, CS1 = 0.1 μF, CS2 = 10 μF, TA = 25°C, RL = 8 Ω (unless otherwise noted)
Figure 7. Supply Current vs Supply Voltage
Figure 8. Supply Current vs EN Voltage
Figure 9. Output Power vs Load Resistance
Figure 10. Output Power vs Load Resistance
Figure 12. THD + Noise vs Output Power
Figure 11. Output Power vs Supply Resistance
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPA2011D1


Similar Part No. - TPA2011D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1YFFR TI-TPA2011D1YFFR Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1YFFT TI-TPA2011D1YFFT Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
More results

Similar Description - TPA2011D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
logo
Texas Instruments
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com