Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2012D2YZHT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2YZHT
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2012D2YZHT Datasheet(HTML) 2 Page - Texas Instruments

  TPA2012D2YZHT Datasheet HTML 1Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 2Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 3Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 4Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 5Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 6Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 7Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 8Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
TPA2012D2
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPA2012D2
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Dissipation Rating Table ........................................... 5
7.7
Typical Characteristics .............................................. 6
8
Parameter Measurement Information ................ 12
9
Detailed Description ............................................ 13
9.1
Overview ................................................................. 13
9.2
Functional Block Diagram ....................................... 13
9.3
Feature Description................................................. 13
9.4
Device Functional Modes........................................ 15
10
Application and Implementation........................ 16
10.1
Application Information.......................................... 16
10.2
Typical Applications .............................................. 16
11
Power Supply Recommendations ..................... 19
11.1
Power Supply Decoupling Capacitor .................... 19
12
Layout................................................................... 19
12.1
Layout Guidelines ................................................. 19
12.2
Layout Examples................................................... 21
12.3
Efficiency and Thermal Considerations ................ 23
13
Device and Documentation Support ................. 24
13.1
Receiving Notification of Documentation Updates 24
13.2
Community Resources.......................................... 24
13.3
Trademarks ........................................................... 24
13.4
Electrostatic Discharge Caution ............................ 24
13.5
Glossary ................................................................ 24
14
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (September 2016) to Revision F
Page
Switched the BODY SIZE values in the Device Information table: DSBGA From: 4.00 mm × 4.00 mm To: 2.01 mm ×
2.01 mm and WQFN From: 2.01 mm × 2.01 mm To: 4.00 mm × 4.00 mm ........................................................................... 1
Changes from Revision D (June 2008) to Revision E
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
Deleted Available-Options table; see POA at the end of the data sheet ............................................................................... 1
Deleted previous application schematics: Typical Application Circuit (previously Figure 33), TPA2012D2 Application
Schematic With Differential Input and Input Capacitors (previously Figure 34), and TPA2012D2 Application
Schematic With Single-Ended Input (previously Figure 35) ................................................................................................. 16


Similar Part No. - TPA2012D2YZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2YZHT TI-TPA2012D2YZHT Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2012D2YZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com