Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3007D1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA3007D1
Description  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3007D1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3007D1_17 Datasheet HTML 6Page - Texas Instruments TPA3007D1_17 Datasheet HTML 7Page - Texas Instruments TPA3007D1_17 Datasheet HTML 8Page - Texas Instruments TPA3007D1_17 Datasheet HTML 9Page - Texas Instruments TPA3007D1_17 Datasheet HTML 10Page - Texas Instruments TPA3007D1_17 Datasheet HTML 11Page - Texas Instruments TPA3007D1_17 Datasheet HTML 12Page - Texas Instruments TPA3007D1_17 Datasheet HTML 13Page - Texas Instruments TPA3007D1_17 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
APPLICATION INFORMATION
APPLICATION CIRCUIT
INN
INP
GAIN0
SHUTDOWN
PGND
VCLAMP
BSN
PVCC
OUTN
OUTN
PGND
VCC
VREF
BYPASS
COSC
ROSC
AGND
AGND
BSP
PVCC
OUTP
GAIN1
OUTP
PGND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
R3
51
C9
0.22
µF
C6
1
µF
D1
VCC
C12
220 pF
C11
1
µF
C3
1
µF
C4
1
µF
VCC
L2
(Ferrite
Bead)
L1
(Ferrite
Bead)
C15
1 nF
C14
1 nF
D2
R2
51
C8
0.22
µF
C5
1
µF
C7
10
µF
C10
1
µF
C1
0.47
µF
C2
0.47
µF
IN−
IN+
GAIN SELECT
GAIN SELECT
SHUTDOWN
CONTROL
U1
TPA3007D1
L1, L2: Fair-Rite, Part Number 2512067007Y3
D1, D2: Diodes, Inc., Part Number B130
VCC
R1
120 k
CLASS-D OPERATION
TRADITIONAL CLASS-D MODULATION SCHEME
TPA3007D1
SLOS418D – SEPTEMBER 2003 – REVISED MARCH 2008
Figure 13. Typical Application Circuit
This section focuses on the class-D operation of the TPA3007D1.
The traditional class-D modulation scheme, which is used in the TPA032D0x family, has a differential output
where each output is 180 degrees out of phase and changes from ground to the supply voltage, VCC. Therefore,
the differential pre-filtered output varies between positive and negative VCC, where filtered 50% duty cycle yields
0 V across the load. The traditional class-D modulation scheme with voltage and current waveforms is shown in
Figure 14. Note that even at an average of 0 V across the load (50% duty cycle), the current to the load is high,
causing high loss, thus causing a high supply current.
10
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA3007D1


Similar Part No. - TPA3007D1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3007D1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1_06 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com