Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-22A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # TGL41-22A
Description  500 Watt Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TGL41-22A Datasheet(HTML) 4 Page - Microsemi Corporation

  TGL41-22A Datasheet HTML 1Page - Microsemi Corporation TGL41-22A Datasheet HTML 2Page - Microsemi Corporation TGL41-22A Datasheet HTML 3Page - Microsemi Corporation TGL41-22A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
500 Watt Transient Voltage Suppressor
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4
Copyright
© 2003
01-29-2003 REV A
SCOTTSDALE DIVISION
TGL41-6.8 thru TGL41-200CA
Milliseconds
V(BR) - Breakdown Voltage – Volts
FIGURE 3
FIGURE 4
Pulse Waveform for Exponential Surge
Typical Capacitance vs. Breakdown Voltage (Unidirectional only)
Bidirectional Suffix C devices are ½ that shown.
DIMENSIONS AND LAYOUT
MELF
DO-213AB
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
2.39
2.66
0.094
0.102
B
4.80
5.20
0.189
0.205
C
0.41
0.55
0.016
0.022
Pulse Current (IP) in
Percentage of IPP
Amperes vs. Time (t) -
Milliseconds


Similar Part No. - TGL41-22A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL41-22A DIOTEC-TGL41-22A Datasheet
164Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
TGL41-22A MICROSEMI-TGL41-22A Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
TGL41-22A VISHAY-TGL41-22A Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
logo
Diotec Semiconductor
TGL41-22A DIOTEC-TGL41-22A Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
TGL41-22A SEMIKRON-TGL41-22A Datasheet
244Kb / 3P
   Surface mount diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results

Similar Description - TGL41-22A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
TGL41-10CA MICROSEMI-TGL41-10CA Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
SMBJSAC50 MICROSEMI-SMBJSAC50 Datasheet
185Kb / 1P
   500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
HSMBJSAC5.0 MICROSEMI-HSMBJSAC5.0 Datasheet
271Kb / 3P
   500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SA TSC-SA_13 Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
logo
Solid States Devices, I...
ST500A7.5 SSDI-ST500A7.5_1 Datasheet
147Kb / 2P
   500 W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SA TSC-SA_10 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Micro Commercial Compon...
SL03 MCC-SL03 Datasheet
369Kb / 2P
   Transient Voltage Suppressor 300 Watt
logo
Comchip Technology
CTAN1424V-G COMCHIP-CTAN1424V-G Datasheet
147Kb / 3P
   300 Watt Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE6.8 MICROSEMI-P6KE6.8 Datasheet
246Kb / 4P
   600 Watt TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com