Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3100D2 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA3100D2
Description  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3100D2 Datasheet(HTML) 4 Page - Texas Instruments

  TPA3100D2_17 Datasheet HTML 1Page - Texas Instruments TPA3100D2_17 Datasheet HTML 2Page - Texas Instruments TPA3100D2_17 Datasheet HTML 3Page - Texas Instruments TPA3100D2_17 Datasheet HTML 4Page - Texas Instruments TPA3100D2_17 Datasheet HTML 5Page - Texas Instruments TPA3100D2_17 Datasheet HTML 6Page - Texas Instruments TPA3100D2_17 Datasheet HTML 7Page - Texas Instruments TPA3100D2_17 Datasheet HTML 8Page - Texas Instruments TPA3100D2_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
TPA3100D2
SLOS469F – OCTOBER 2005 – REVISED AUGUST 2010
www.ti.com
DC CHARACTERISTICS (continued)
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
High Side
200
VCC = 12 V, IO = 500 mA,
rDS(on)
Drain-source on-state resistance
Low side
200
m
TJ = 25°C
Total
400
500
GAIN0 = 0.8 V
19
20
21
GAIN1 = 0.8 V
dB
GAIN0 = 2 V
25
26
27
G
Gain
GAIN0 = 0.8 V
31
32
33
GAIN1 = 2 V
dB
GAIN0 = 2 V
35
36
37
tON
Turn-on time
C(VBYP) = 1 µF, SHUTDOWN = 2 V
25
ms
tOFF
Turn-off time
C(VBYP) = 1 µF, SHUTDOWN = 0.8 V
0.1
ms
AC CHARACTERISTICS
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200 mVPP ripple from 20 Hz–1 kHz,
KSVR
Supply ripple rejection
–70
dB
Gain = 20 dB, Inputs ac-coupled to AGND
THD+N = 7%, f = 1 kHz, VCC = 18 V
20.6
W
PO
Continuous output power
THD+N = 10%, f = 1 kHz, VCC = 18 V
21.8
W
THD+N
Total harmonic distortion + noise
VCC = 18 V, f = 1 kHz, PO = 10 W (half-power)
0.11%
100
µV
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
–80
dBV
Crosstalk
VO = 1 Vrms, Gain = 20 dB, f = 1 kHz
–92
dB
Maximum output at THD+N < 1%, f = 1 kHz,
SNR
Signal-to-noise ratio
102
dB
Gain = 20 dB, A-weighted
Thermal trip point
150
°C
Thermal hysteresis
30
°C
AC CHARACTERISTICS
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200 mVPP ripple from 20 Hz–1 kHz,
KSVR
Supply ripple rejection
–70
dB
Gain = 20 dB, Inputs ac-coupled to AGND
THD+N = 7%, f = 1 kHz
9.4
THD+N = 10%, f = 1 kHz
10
PO
Continuous output power
W
THD+N = 7%, f = 1 kHz, RL = 4 Ω
15.6
THD+N = 10%, f = 1 kHz, RL = 4 Ω
16.4
THD+N
Total harmonic distortion + noise
RL = 8 Ω, f = 1 kHz, PO = 5 W (half-power)
0.11%
RL = 4 Ω, f = 1 kHz, PO = 8 W (half-power)
0.15%
100
µV
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
–80
dBV
Crosstalk
Po = 1 W, Gain = 20 dB, f = 1 kHz
–94
dB
Maximum output at THD+N < 1%, f = 1 kHz,
SNR
Signal-to-noise ratio
98
dB
Gain = 20 dB, A-weighted
Thermal trip point
150
°C
Thermal hysteresis
30
°C
4
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): TPA3100D2


Similar Part No. - TPA3100D2_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2IRGZRQ1 TI1-TPA3100D2IRGZRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2PHP TI-TPA3100D2PHP Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2PHPG4 TI-TPA3100D2PHPG4 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3100D2_17

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
2Mb / 31P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com