Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3110D2PWP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2PWP
Description  15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2PWP Datasheet(HTML) 4 Page - Texas Instruments

  TPA3110D2PWP Datasheet HTML 1Page - Texas Instruments TPA3110D2PWP Datasheet HTML 2Page - Texas Instruments TPA3110D2PWP Datasheet HTML 3Page - Texas Instruments TPA3110D2PWP Datasheet HTML 4Page - Texas Instruments TPA3110D2PWP Datasheet HTML 5Page - Texas Instruments TPA3110D2PWP Datasheet HTML 6Page - Texas Instruments TPA3110D2PWP Datasheet HTML 7Page - Texas Instruments TPA3110D2PWP Datasheet HTML 8Page - Texas Instruments TPA3110D2PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
SD
FAULT
LINP
LINN
GAIN0
GAIN1
AVCC
AGND
GVDD
PLIMIT
PVCCL
PVCCL
BSPL
OUTPL
PGND
OUTNL
BSNL
BSNR
OUTNR
PGND
RINN
RINP
NC
11
12
13
14
18
17
16
15
OUTPR
BSPR
PVCCR
PVCCR
PBTL
4
TPA3110D2
SLOS528F – JULY 2009 – REVISED APRIL 2017
www.ti.com
Product Folder Links: TPA3110D2
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
NUMBER
SPEAKER CHANNELS
SPEAKER AMP
TYPE
OUTPUT POWER (W)
ADDITIONAL FEATURES
TPA3110D2
Stereo
Class D
15
Power limiter
TPA3130D1
Stereo
Class D
15
TPA3118D2
Stereo
Class D
30
Power limiter
TPA3116D1
Stereo
Class D
50
Power limiter
6 Pin Configuration and F unctions
PWP Package
28-Pin HTSSOP With PowerPAD™
Top View
Table 1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
SD
I
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels
with compliance to AVCC.
2
FAULT
O
Open drain output used to display short circuit or dc detect fault status. Voltage compliant to AVCC.
Short circuit faults can be set to auto-recovery by connecting FAULT pin to SD pin. Otherwise, both
short circuit faults and dc detect faults must be reset by cycling PVCC.
3
LINP
I
Positive audio input for left channel. Biased at 3 V.
4
LINN
I
Negative audio input for left channel. Biased at 3 V.
5
GAIN0
I
Gain select least significant bit. TTL logic levels with compliance to AVCC.
6
GAIN1
I
Gain select most significant bit. TTL logic levels with compliance to AVCC.
7
AVCC
P
Analog supply
8
AGND
Analog signal ground. Connect to the thermal pad.
9
GVDD
O
High-side FET gate drive supply. Nominal voltage is 7V. Also should be used as supply for PLIMIT
function.
10
PLIMIT
I
Power limit level adjust. Connect a resistor divider from GVDD to GND to set power limit. Connect
directly to GVDD for no power limit.
11
RINN
I
Negative audio input for right channel. Biased at 3 V.
12
RINP
I
Positive audio input for right channel. Biased at 3 V.
13
NC
Not connected
14
PBTL
I
Parallel BTL mode switch


Similar Part No. - TPA3110D2PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2PWP TI-TPA3110D2PWP Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWP TI-TPA3110D2PWP Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWP TI-TPA3110D2PWP Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWP TI1-TPA3110D2PWP Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2PWPR TI-TPA3110D2PWPR Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results

Similar Description - TPA3110D2PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com