Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3110D2PWP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2PWP
Description  15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2PWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA3110D2PWP Datasheet HTML 2Page - Texas Instruments TPA3110D2PWP Datasheet HTML 3Page - Texas Instruments TPA3110D2PWP Datasheet HTML 4Page - Texas Instruments TPA3110D2PWP Datasheet HTML 5Page - Texas Instruments TPA3110D2PWP Datasheet HTML 6Page - Texas Instruments TPA3110D2PWP Datasheet HTML 7Page - Texas Instruments TPA3110D2PWP Datasheet HTML 8Page - Texas Instruments TPA3110D2PWP Datasheet HTML 9Page - Texas Instruments TPA3110D2PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
TPA3110D2
SLOS528F – JULY 2009 – REVISED APRIL 2017
www.ti.com
Product Folder Links: TPA3110D2
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
7.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
8
26
V
VIH
High-level input voltage
SD, GAIN0, GAIN1, PBTL
2
V
VIL
Low-level input voltage
SD, GAIN0, GAIN1, PBTL
0.8
V
VOL
Low-level output voltage
FAULT, RPULL-UP= 100 k, VCC= 26 V
0.8
V
IIH
High-level input current
SD, GAIN0, GAIN1, PBTL, VI = 2 V, VCC = 18 V
50
µA
IIL
Low-level input current
SD, GAIN0, GAIN1, PBTL, VI = 0.8 V, VCC = 18 V
5
µA
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPA3110D2
UNIT
PWP (HTSSOP)
28 PINS
RθJA
Junction-to-ambient thermal resistance
30.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
33.5
°C/W
RθJB
Junction-to-board thermal resistance
17.5
°C/W
ψJT
Junction-to-top characterization parameter
0.9
°C/W
ψJB
Junction-to-board characterization parameter
7.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
°C/W
7.5
DC Characteristics: 24 V
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
| VOS |
Class-D output offset voltage (measured
differentially)
VI = 0 V, Gain = 36 dB
1.5
15
mV
ICC
Quiescent supply current
SD = 2 V, no load, PVCC = 24 V
32
50
mA
ICC(SD)
Quiescent supply current in shutdown mode
SD = 0.8 V, no load, PVCC = 24 V
250
400
µA
rDS(on)
Drain-source on-state resistance
VCC = 12 V, IO = 500 mA,
TJ = 25°C
High Side
240
m
Low side
240
G
Gain
GAIN1 = 0.8 V
GAIN0 = 0.8 V
19
20
21
dB
GAIN0 = 2 V
25
26
27
GAIN1 = 2 V
GAIN0 = 0.8 V
31
32
33
dB
GAIN0 = 2 V
35
36
37
ton
Turn-on time
SD = 2 V
14
ms
tOFF
Turn-off time
SD = 0.8 V
2
μs
GVDD
Gate Drive Supply
IGVDD = 100 μA
6.4
6.9
7.4
V
tDCDET
DC Detect time
V(RINN) = 6 V, VRINP = 0 V
420
ms


Similar Part No. - TPA3110D2PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2PWP TI-TPA3110D2PWP Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWP TI-TPA3110D2PWP Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWP TI-TPA3110D2PWP Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWP TI1-TPA3110D2PWP Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2PWPR TI-TPA3110D2PWPR Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results

Similar Description - TPA3110D2PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com