Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3110D2-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2-Q1
Description  15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3110D2-Q1 Datasheet HTML 6Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 7Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 8Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 9Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 10Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 11Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 12Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 13Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Vcc - Supply Voltage - V
6
8
10
12
14
16
18
20
22
24
26
0
5
10
15
20
25
30
35
40
Gain = 20 dB
ZL = 6 : + 47PH
THD= 1%
THD = 10%
Vcc - Supply Voltage - V
6
8
10
12
14
16
18
0
5
10
15
20
25
30
Gain = 20 dB
ZL = 4 : + 33PH
THD= 1%
THD = 10%
f − Frequency − Hz
100
50
0
−300
0
5
10
15
20
25
30
35
40
−50
−100
−150
20
100
10k
100k
1k
G015
Phase
Gain
−200
−250
CI = 1 µF
Gain = 20 dB
Filter = Audio Precision AUX-0025
VCC = 12 V
VI = 0.1 Vrms
ZL = 8
+ 66 µH
Vcc - Supply Voltage - V
6
8
10
12
14
16
18
20
22
24
26
0
5
10
15
20
25
30
35
40
Gain = 20 dB
ZL = 8 : + 66PH
THD= 1%
THD = 10%
VPLIMIT − PLIMIT Voltage − V
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
G013
Gain = 20 dB
VCC = 24 V
ZL = 8
+ 66 µH
VPLIMIT − PLIMIT Voltage − V
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
G014
Gain = 20 dB
VCC = 12 V
ZL = 4
+ 33 µH
10
TPA3110D2
SLOS528F – JULY 2009 – REVISED APRIL 2017
www.ti.com
Product Folder Links: TPA3110D2
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3110D2 EVM which is
available at www.ti.com.
SPACE
Figure 13. Maximum Output Power vs PLIMIT Voltage (BTL)
Note: Dashed Lines represent thermally limited regions.
Figure 14. Output Power vs PLIMIT Voltage (BTL)
SPACE
Figure 15. Gain and Phase vs Frequency (BTL)
The figure is measured with heatsink(1) on EVM(2)
Figure 16. Output Power vs Supply Voltage (BTL)
The figure is measured with heatsink(1) on EVM(2)
Figure 17. Output Power vs Supply Voltage (BTL)
The figure is measured with heatsink(1) on EVM(2)
Figure 18. Output Power vs Supply Voltage (BTL)


Similar Part No. - TPA3110D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
More results

Similar Description - TPA3110D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com