Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR101003FO Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # CR101003FO
Description  Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CR101003FO Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  CR101003FO Datasheet HTML 1Page - American Accurate Components, Inc. CR101003FO Datasheet HTML 2Page - American Accurate Components, Inc. CR101003FO Datasheet HTML 3Page - American Accurate Components, Inc. CR101003FO Datasheet HTML 4Page - American Accurate Components, Inc. CR101003FO Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
American Accurate Components, Inc.
Thick Film Chip Resistors
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
2
Size
TCR (ppm/°°°°C)
Tolerance (%) and Resistance
D(±0.1%)
&
E-96 & E-24
G(±0.5%)
&
E-96 & E-24
F(±1%)
&
E-96 & E-24
J(±5%)
&
E-24
01005
± 300
10 ≤R<100
10 ≤R<100
± 200
100 ≤R<1M
100 ≤R<1M
0201
±200
100 -10K
10 -2M
10 -10M
+600
-200
1 -9.1
1 -9.1
0402
±100
100 -499K
100 -1M
100 -1M
±200
10 -100
10 -100
10 ≤R<100
1M <R≤10M
10 -10M
+500
-200
1 -9.1
1 -9.1
±400
10M ≤R≤20M
0603
±100
10 -560k
10 -1M
10 -1M
±200
1M<R≤10M
10 -10M
±400
1 -9.1
1 -9.1
10M <R≤20M
0805
±100
10 -560k
10 -1M
10 -1M
±200
1M<R≤10M
10 -10M
±400
1 -9.1
1 -9.1
10M <R≤20M
1206
±100
10 -560k
10 -1M
10 -1M
±200
1M<R≤10M
10 -10M
±400
1 -9.1
1 -9.1
10M <R≤20M
1210
±100
10 -560k
10 -1M
10 -1M
±200
1M<R≤10M
10 -10M
±400
1 -9.1
1 -9.1
10M <R≤20M
2010
±100
10 -560k
10 -1M
10 -1M
±200
1M<R≤10M
10 -10M
±400
1 -9.1
1 -9.1
10M <R≤20M
2512
±100
10 -560k
10 -1M
10 -1M
±200
1M<R≤10M
10 -10M
±400
1 -9.1
1 -9.1
10M <R≤20M
* Rated Voltage:
PxR
ELECTRICAL SPECIFICATIONS for ZERO OHM JUMPERS
Series
CJ20 (0201)
CJ05 (0402)
CJ06 (0603)
CJ10 (0805)
CJ18 (1206)
CJ14 (1210)
CJ12 (2010)
CJ01 (2512)
Rated Current
0.5A (70°C)
1A (70°C)
1A (70°C)
2A (70°C)
2A (70°C)
2A (70°C)
2A (70°C)
2A (70°C)
Resistance (Max)
50 m Ω
50 m Ω
50 m Ω
50 m Ω
50 m Ω
50 m Ω
50 m Ω
50 m Ω
Max. Overload Current
1A
2.5A
2.5A
5A
5A
5A
5A
5A
Working Temp.
-55°C ~ +125°C
-55°C ~ +125°C
-55°C ~ +125°C
-55°C ~ +125°C
-55°C ~ +125°C
-55°C ~ +125°C
-55°C ~ +125°C
-55°C ~ +125°C
* Rated Voltage:
PxR


Similar Part No. - CR101003FO

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CR101002F MERITEK-CR101002F Datasheet
156Kb / 7P
   Thick Film Chip Resistors
CR101002J MERITEK-CR101002J Datasheet
156Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - CR101003FO

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com