Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3111D1-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3111D1-Q1
Description  10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3111D1-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA3111D1-Q1 Datasheet HTML 3Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 4Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 5Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 6Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 7Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 8Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 9Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 10Page - Texas Instruments TPA3111D1-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
PO − Output Power − W
0.001
0.1
10
0.01
1
G005
f = 1 kHz
f = 20 Hz
f = 10 kHz
0.01
0.1
1
10
20
0.01
0.1
1
10
20
PO − Output Power − W
0.001
0.1
10
0.01
1
G006
f = 1 kHz
f = 20 Hz
f = 10 kHz
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G003
PO = 10 W
PO = 1 W
PO = 5 W
PO − Output Power − W
0.01
0.1
1
10
0.001
0.1
10
20
0.01
1
G004
f = 1 kHz
f = 20 Hz
f = 10 kHz
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G001
PO = 2.5 W
PO = 5 W
PO = 1 W
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G002
PO = 10 W
PO = 5 W
PO = 1 W
7
TPA3111D1
www.ti.com
SLOS618F – AUGUST 2009 – REVISED JULY 2016
Product Folder Links: TPA3111D1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
6.9 Typical Characteristics
All measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3111D1 EVM.
Gain = 20 dB
VCC = 12 V
ZL = 8 Ω + 66 µH
Figure 1. Total Harmonic Distortion vs Frequency
Gain = 20 dB
VCC = 24 V
ZL = 8 Ω + 66 µH
Figure 2. Total Harmonic Distortion vs Frequency
Gain = 20 dB
VCC = 12 V
ZL = 4 Ω + 33 µH
Figure 3. Total Harmonic Distortion vs Frequency
Gain = 20 dB
VCC = 12 V
ZL = 8 Ω + 66 µH
Figure 4. Total Harmonic Distortion + Noise
vs Output Power
Gain = 20 dB
VCC = 24 V
ZL = 8 Ω + 66 µH
Figure 5. Total Harmonic Distortion + Noise
vs Output Power
Gain = 20 dB
VCC = 12 V
ZL = 4 Ω + 33 µH
Figure 6. Total Harmonic Distortion + Noise
vs Output Power


Similar Part No. - TPA3111D1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3111D1-Q1 TI-TPA3111D1-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPA3111D1-Q1 10-W Filter-Free Mono Class-D Audio Power Amplifier With Speakerguard?
More results

Similar Description - TPA3111D1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1_10 Datasheet
840Kb / 28P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1_10 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1EVM TI-TPA3112D1EVM Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com