Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3113D2PWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3113D2PWPR
Description  6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3113D2PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA3113D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3113D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3113D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3113D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3113D2PWPR Datasheet HTML 9Page - Texas Instruments TPA3113D2PWPR Datasheet HTML 10Page - Texas Instruments TPA3113D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3113D2PWPR Datasheet HTML 12Page - Texas Instruments TPA3113D2PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
VPLIMIT − PLIMIT Voltage − V
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
G013
Gain = 20 dB
VCC = 24 V
ZL = 8
+ 66 µH
VPLIMIT − PLIMIT Voltage − V
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
G014
Gain = 20 dB
VCC = 12 V
ZL = 4
+ 33 µH
PO − Output Power −
0.001
0.1
10
0.01
1
G009
f = 20 Hz
f = 10 kHz
f = 1 kHz
Gain = 20 dB
VCC = 24 V
ZL = 8
+ 66 µH
0.01
0.1
1
10
PO − Output Power −
0.001
0.1
10
0.01
1
G012
f = 20 Hz
f = 10 kHz
Gain = 20 dB
VCC = 12 V
ZL = 4
+ 33 µH
f = 1 kHz
0.01
0.1
1
10
PO − Output Power −
0.01
0.1
1
0.001
0.1
10
10
0.01
1
G007
f = 1 kHz
f = 10 kHz
Gain = 20 dB
VCC = 12 V
ZL = 8
+ 66 µH
f = 20 Hz
PO − Output Power −
0.001
0.1
10
0.01
1
G008
f = 1 kHz
Gain = 20 dB
VCC = 18 V
ZL = 8
+ 66 µH
f = 20 Hz
f = 10 kHz
0.01
0.1
1
10
9
TPA3113D2
www.ti.com
SLOS650F – AUGUST 2009 – REVISED JUNE 2016
Product Folder Links: TPA3113D2
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
(All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3113D2 EVM which is
available at ti.com.)
Figure 7. Total Harmonic Distortion + Noise vs Output
Power (BTL)
Figure 8. Total Harmonic Distortion + Noise vs Output
Power (BTL)
Figure 9. Total Harmonic Distortion + Noise vs Output
Power (BTL)
Figure 10. Total Harmonic Distortion + Noise vs Output
Power (BTL)
Dashed line represents thermally limited region.
Figure 11. Maximum Output Power vs PLIMIT Voltage (BTL)
Dashed line represents thermally limited region.
Figure 12. Output Power vs PLIMIT Voltage (BTL)


Similar Part No. - TPA3113D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3113D2PWPR TI-TPA3113D2PWPR Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2PWPR TI-TPA3113D2PWPR Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
More results

Similar Description - TPA3113D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com