Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-200-24 Datasheet(PDF) 2 Page - Total Power International

Part # SP-200-24
Description  200W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

SP-200-24 Datasheet(HTML) 2 Page - Total Power International

  SP-200-24 Datasheet HTML 1Page - Total Power International SP-200-24 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
CaseNo.916BUnit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
85
100
115
135
155
230
264
Ta=25
10
20
30
40
50
60
(HORIZONTAL)
20
40
60
80
100
-10
0
R.C.
+V ADJ.
LED
90
100
80
70
60
50
40
200WSingleOutputwithPFCFunction
S P - 2 0 0 series
BlockDiagram
PFCfosc:67KHz
PWMfosc:134KHz
RemoteON/OFF(CN1):JST S2B-XH orequivalent(optional)
PinNo.
1
2
Assignment
MatingHousing
JST XHP
orequivalent
Terminal
JST SXH-001T-P0.6
orequivalent
RC+
RC-
Airflow
direction
48.5
2-M4L=5mm
142
25
133
65
117
199
35
70
20
25
15
6-M4L=6mm
5-M3L=3mm
1
2
3
4
5
6
7
CN1
1
2
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4,5
3
6,7
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
CN1
CONTROL
REMOTE
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
O.T.P.
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
FILTER
CONTROL
&
SPEED
RECTIFIERS
FAN
+V
-V
I/P
FG
CONTROL
O.V.P.
&
PFC
CONSTANT
CURRENT
LIMITING&
START
CIRCUIT
ACTIVE
FAN
11max.
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - SP-200-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-200-24 TOTAL-POWER-SP-200-24 Datasheet
367Kb / 2P
   200W Single Output with PFC Function
logo
Astrodyne Corporation
SP-200-24 ASTRODYNE-SP-200-24 Datasheet
314Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200-24 MEANWELL-SP-200-24 Datasheet
327Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-200-24 RSG-SP-200-24 Datasheet
132Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200-24 MEANWELL-SP-200-24 Datasheet
334Kb / 2P
   200W Single Output with PFC Function
More results

Similar Description - SP-200-24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200 Datasheet
370Kb / 2P
   200W Single Output with PFC Function
EPP-200 MEANWELL-EPP-200 Datasheet
566Kb / 4P
   200W Single Output with PFC Function
logo
Astrodyne Corporation
SP-200 ASTRODYNE-SP-200 Datasheet
314Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200 MEANWELL-SP-200 Datasheet
327Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200_11 Datasheet
371Kb / 2P
   200W Single Output with PFC Function
SP-200 MEANWELL-SP-200_10 Datasheet
334Kb / 2P
   200W Single Output with PFC Function
logo
Total Power Internation...
SP-200 TOTAL-POWER-SP-200 Datasheet
367Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-200 RSG-PPS-200 Datasheet
204Kb / 2P
   200W Single Output with PFC Function
SP-200 RSG-SP-200 Datasheet
132Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com