Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRN214SU103FAM Datasheet(PDF) 4 Page - American Accurate Components, Inc.

Part # CRN214SU103FAM
Description  Resistor Arrays & Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRN214SU103FAM Datasheet(HTML) 4 Page - American Accurate Components, Inc.

  CRN214SU103FAM Datasheet HTML 1Page - American Accurate Components, Inc. CRN214SU103FAM Datasheet HTML 2Page - American Accurate Components, Inc. CRN214SU103FAM Datasheet HTML 3Page - American Accurate Components, Inc. CRN214SU103FAM Datasheet HTML 4Page - American Accurate Components, Inc. CRN214SU103FAM Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
American Accurate Components, Inc.
Resistor Arrays & Networks
188 Technolgoy Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
4
CRN76-8V Convex-Round
CRN76-15SU Convex-Round
L
10.16 ±0.20
L
10.16 ±0.20
W
7.62 ± 0.20
W
7.62 ± 0.20
t
0.70 ± 0.20
t
0.70 ± 0.20
a
0.80 ± 0.20
a
0.80 ± 0.20
b
0.80 ± 0.20
b
0.80 ± 0.20
c
c
p
1.27 ± 0.10
p
1.27 ± 0.10
ELECTRICAL CHARACTERISTICS
Test Item
Conditions of Test
Test Results
Life/Endurance Test
EIA 575, π 3.14
1000 hours at 70°C, 1.5 hours “on”, 0.5 hours “off”
± 1.5%
Shot Time Overload
EIA 575, π 3.6
Short time overload
± 0.5%
Thermal Shock
EIA 575, π 3.5
± 0.5%
Moisture Resistance
EIA 575, π 3.10
± 1.0%
Resistance to Soldering Heat
EIA 575, π 3.8
10 seconds at 260°C solder bath temperature
± 2.0%
High Temperature Exposure
EIA 575, π 3.7
± 1.0%
Low Temperature Operations
EIA 575, π 3.6
± 0.5%
Solderability & Leaching
EIA 575, π 3.12
95% Coverage
DERATING CURVE
The resistor shall have a power rating based on continuous full-
load operation at an ambient temperature of 70°C, the load shall
be derated in accordance with the figure below.
REEL DRAWINGS & DIMENSIONS (mm)
7” Reel (M)
M
180±0.3
H
1.20
C
13.0 ± 0.2
G
9.0 ± 0.3
E
56 ± 1.0
F
11.4 ± 1.0
13”Reel (V)
M
330±2.5
H
2.3± 0.5
C
13.0 ± 0.2
G
9.5 ± 0.5
E
80.0 ± 1.0
F
14.4


Similar Part No. - CRN214SU103FAM

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRN214SU103FAM AAC-CRN214SU103FAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
More results

Similar Description - CRN214SU103FAM

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSN NIC-NRSN Datasheet
337Kb / 3P
   Chip Resistor Arrays/Networks
NRSNA4I4J102TRF NIC-NRSNA4I4J102TRF Datasheet
106Kb / 4P
   Chip Resistor Arrays/Networks
NRSNA4I4J510TRF NIC-NRSNA4I4J510TRF Datasheet
106Kb / 4P
   Chip Resistor Arrays/Networks
logo
American Accurate Compo...
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
   Ultra Precision Resistor Arrays & Networks
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R5T ACCUTEK-AK06G-R5T_09 Datasheet
112Kb / 4P
   RESISTOR NETWORKS
logo
TT Electronics.
628-L TTELEC-628-L Datasheet
181Kb / 4P
   Resistor Networks
NQS TTELEC-NQS Datasheet
149Kb / 5P
   Resistor Networks
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R8DTL ACCUTEK-AK06G-R8DTL_09 Datasheet
124Kb / 4P
   RESISTOR NETWORKS
AK6G-R2RL ACCUTEK-AK6G-R2RL_09 Datasheet
150Kb / 4P
   RESISTOR NETWORKS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com