Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA79M00 Datasheet(PDF) 3 Page - Texas Instruments

Part # UA79M00
Description  NEGATIVE-VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA79M00 Datasheet(HTML) 3 Page - Texas Instruments

  UA79M00 Datasheet HTML 1Page - Texas Instruments UA79M00 Datasheet HTML 2Page - Texas Instruments UA79M00 Datasheet HTML 3Page - Texas Instruments UA79M00 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
µA79M00 SERIES
NEGATIVE-VOLTAGE REGULATORS
SLVS060J – JUNE 1976 – REVISED MAY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VI
Input voltage
µA79M05C
–7
–25
V
VI
Input voltage
µA79M08C
–10.5
–25
V
IO
Output current
500
mA
TJ
Operating virtual junction temperature
0
125
°C
electrical characteristics at specified virtual junction temperature, VI = –10 V, IO = 350 mA, TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
µA79M05C
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
VI = 7Vto 25 V
IO =5mAto350 mA
–4.8
–5
–5.2
V
Output voltage
VI = –7 V to –25 V,
IO = 5 mA to 350 mA
TJ = 0°C to 125°C
–4.75
–5.25
V
Input voltage regulation
VI = –7 V to –25 V
7
50
mV
Input voltage regulation
VI = –8 V to –18 V
3
30
mV
Ripple rejection
VI = –8 V to –18 V,
IO = 100 mA,
TJ = 0°C to 125°C
50
dB
Ripple rejection
I
,
f = 120 Hz
IO = 300 mA
54
60
dB
Output voltage regulation
IO = 5 mA to 500 mA
75
100
mV
Output voltage regulation
IO = 5 mA to 350 mA
50
mV
Temperature coefficient
of output voltage
IO = 5 mA,
TJ = 0°C to 125°C
–0.4
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
125
µV
Dropout voltage
1.1
V
Bias current
1
2
mA
Bias current change
VI = –8 V to –18 V,
TJ = 0°C to 125°C
0.4
mA
Bias current change
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.4
mA
Short-circuit output current
VI = –30 V
140
mA
Peak output current
0.65
A
† Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are
measured with a 2-
µF capacitor across the input and a 1-µF capacitor across the output.


Similar Part No. - UA79M00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA79M00 TI-UA79M00 Datasheet
324Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
622Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI1-UA79M00 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00_08 Datasheet
622Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
More results

Similar Description - UA79M00

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com