Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68EN360MA33L Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TS68EN360MA33L
Description  32-bitQuad Integrated Communication Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68EN360MA33L Datasheet(HTML) 2 Page - ATMEL Corporation

  TS68EN360MA33L Datasheet HTML 1Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 2Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 3Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 4Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 5Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 6Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 7Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 8Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
2
TS68EN360
2113A–HIREL–03/02
Introduction
QUICC Architecture
Overview
The QUICC is 32-bit controller that is an extension of other members of the TS68300
family. Like other members of the TS68300 family, the QUICC incorporates the inter-
module bus (IMB). The TS68302 is an exception, having an 68000 bus on chip. The IMB
provides a common interface for all modules of the TS68300 family, which allows the
development of new devices more quickly by using the library of existing modules.
Although the IMB definition always included an option for an on-chip 32-bit bus, the
QUICC is the first device to implement this option.
The QUICC is comprised of three modules: the CPU32+ core, the SIM60, and the CPM.
Each module utilizes the 32-bit IMB.
The TS68EN360 QUICC block diagram is shown in Figure 1.
Figure 1. QUICC Block Diagram
R suffix
PGA 241
Ceramic Pin Grid Array Cavity Up
A suffix
CERQUAD 240
Ceramic Leaded Chip Carrier Cavity Down
EXTERNAL
BUS
INTERFACE
SYSTEM
PROTECTION
SIM 60
CPU32+
CORE
IMB (32 BIT)
RISC
CONTROLLER
SYSTEM
I/F
2.5-KBYTE
DUAL-PORT
RAM
DRAM
CONTROLLER
AND
CHIP SELECTS
CPM
PERIODIC
TIMER
CLOCK
GENERATION
OTHER
FEATURES
BREAKPOINT
LOGIC
JTAG
COMMUNICATIONS PROCESSOR
FOUR
GENERAL-
PURPOSE
TIMERS
INTERRUPT
CONTROLLER
OTHER
FEATURES
TIMER SLOT
ASSIGNER
SEVEN
SERIAL
CHANNELS
TWO
IDMAs
FOURTEEN SERIAL
DMAs


Similar Part No. - TS68EN360MA33L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com