Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD320GK08 Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # STD320GK08
Description  Thyristor-Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STD320GK08 Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  STD320GK08 Datasheet HTML 1Page - Sirectifier Semiconductors STD320GK08 Datasheet HTML 2Page - Sirectifier Semiconductors STD320GK08 Datasheet HTML 3Page - Sirectifier Semiconductors STD320GK08 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thyristor-Diode Modules
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
10-3
10-2
10-1
100
101
102
0.00
0.05
0.10
0.15
0.20
10-3
10-2
10-1
100
101
102
0.00
0.05
0.10
0.15
t
s
Z
thJK
K/W
t
s
Z
thJC
K/W
30°
DC
30°
DC
0
0
Fig. 8 Transient thermal impedance
junction to case (per thyristor or
diode)
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor
or diode)
R
thJC for various conduction angles d:
dR
thJC (K/W)
DC
0.112
180oC
0.113
120oC
0.114
60oC
0.115
30oC
0.115
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.003
0.099
2
0.0143
0.168
3
0.0947
0.456
R
thJK for various conduction angles d:
dR
thJK (K/W)
DC
0.152
180oC
0.154
120oC
0.154
60oC
0.155
30oC
0.155
Constants for Z
thJK calculation:
iR
thi (K/W)
t
i (s)
1
0.003
0.099
2
0.0143
0.168
3
0.0947
0.456
4
0.04
1.36
3 x STD/SDT320
STD320GKXX
P4
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - STD320GK08

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STD320GK08 SIRECTIFIER-STD320GK08 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results

Similar Description - STD320GK08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com