Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD60GKXX Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # STD60GKXX
Description  Thyristor-Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STD60GKXX Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  STD60GKXX Datasheet HTML 1Page - Sirectifier Semiconductors STD60GKXX Datasheet HTML 2Page - Sirectifier Semiconductors STD60GKXX Datasheet HTML 3Page - Sirectifier Semiconductors STD60GKXX Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thyristor-Diode Modules
Fig. 3 Power dissipation versus on-state current and ambient temperature
(per thyristor or diode)
Fig. 5 Three phase rectifier bridge: Power dissipation versus direct output current
and ambient temperature
100
101
102
103
104
0.1
1
10
IG
VG
mA
1: IGT, TVJ = 125 C
2: IGT, TVJ = 25 C
3: IGT, TVJ = -40 C
V
4: PGAV = 0.5 W
5: PGM = 5 W
6: PGM = 10 W
IGD, TVJ = 125 C
3
4
2
1
5 6
Fig. 4 Gate trigger characteristics
10
100
1000
1
10
100
1000
mA
IG
s
tgd
Limit
typ.
TVJ = 25 C
Fig. 6 Gate trigger delay time
Fig. 1 Surge overload current
I
TSM, IFSM: Crest value, t: duration
Fig. 2 ˇi2dt versus time (1-10 ms)
Fig. 2a Maximum forward current
at case temperature
3 x STD/SDT60
STD60GKXX
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - STD60GKXX

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STD60GK08 SIRECTIFIER-STD60GK08 Datasheet
474Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
STD60GK08 SIRECT-STD60GK08 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD60GK12 SIRECTIFIER-STD60GK12 Datasheet
474Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
STD60GK12 SIRECT-STD60GK12 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD60GK14 SIRECTIFIER-STD60GK14 Datasheet
474Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results

Similar Description - STD60GKXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com