Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA522UG Datasheet(PDF) 2 Page - NEC

Part # PA522UG
Description  NEC Professional Installation Projector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PA522UG Datasheet(HTML) 2 Page - NEC

  PA522UG Datasheet HTML 1Page - NEC PA522UG Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC PA522UG - Technical Specification
IMAGE
Projection Technology
3 x 1.93 cm (0.76") LCD Panel with MLA
Native Resolution
1920 x 1200 (WUXGA)
Contrast Ratio 1
5000:1
Brightness 1
5200 ANSI Lumen (approx. 80% in Eco Mode), with std. optional lense
Lamp
330 W UHP AC (264 W UHP AC Eco Mode)
Lamp Life [hrs]
3000 (4000 Eco Mode, 2000 Portrait Mode)
Lens
6 optional bayonet lenses
Projection Factor
depending on lens selection (std. option NP13ZL at 1.5-3.02:1)
Projection Distance [m]
0.7 (NP11FL) - 76.4 (NP15ZL)
Screen Size (diagonal) [cm] / [inch]
Maximum: 1,270 / 500"; Minimum: 76 / 30"
Zoom
Manual (x2 with optional lens NP13ZL)
Focus Adjustment
Manual
Supported Resolutions
4096 x 2160 (4k); 2560 x 1600 (WQXGA); 2048 x 1080 (2k); 1920x1200 (WUXGA) - 640x480 (VGA); 1080i/50/60;
1080p/24/25/30/50/60; 720p/60; 720p/50; 576i/50; 576p/50; 480p/60; 480i/50
Frequency
Horizontal: analog: 15/24-100 kHz, digital: 15/24-153 kHz; Vertical: analog: 48-120 Hz, digital: 24-120 Hz
CONNECTIVITY
RGB (analog)
Input: 1 x 5BNC, shared with Component Signal (YPbPr); 1 x Mini D-sub 15-pin, compatible to component (YPbPr)
Digital
Input: 1 x DisplayPort; 1 x HDBaseT; 2 x HDMI™ supporting HDCP
Output: 1 x HDMI
Video
Input: 1 x BNC R Share
S-Video
Input: 1 x BNC G/B Share
Audio
Input: 1 x DisplayPort Audio support; 1 x HDBaseT audio support; 2 x 3.5 mm Stereo Mini Jack for Computer analog; 2 x HDMI audio
support
Output: 1 x 3.5 mm Stereo Mini Jack (variable)
Control
Input: 1 x D-Sub 9 pin (RS-232), Ethernet
USB
1 x Type A (USB 2.0 high speed)
3D Sync
Output: 1 x Mini DIN 3pin
Video Signals
NTSC; NTSC 4.43; PAL; PAL-M; PAL-N; PAL60; SECAM
REMOTE CONTROL
Input:
1 x 3.5 mm Stereo Mini Jack
Remote Control
3D Setup; Aspect Ratio; Audio Control; Auto Adjust; DisplayPort; Eco Mode Control; Edge-Blending; Freeze-function; Geometric
Correction; HDMI; Help-function; Magnify-function; Multiscreen; Page (up, down); PBP/POP Function; Picture Adjust; Picture Mute; PIP
Function; Power (On-OFF); Select (up, down, left, right); Source Select; Test Picture
ELECTRICAL
Power Supply
100-240 V AC; 50 - 60 Hz
Power Consumption [W]
460 (Normal) / 362 (Eco) / 7.9 (HDBaseT Stand-by) / 0.16 (Stand-by); Sleep Mode (Lamp off): 16
MECHANICAL
Dimensions (W x H x D) [mm]
499 x 142 x 359 (without lens and feet)
Weight [kg]
8.4
Fan Noise [dB (A)]
33 / 39 (Eco / Normal)
ERGONOMICS
Safety and Ergonomics
CE; ErP; RoHS; TÜV GS
Speakers [W]
1 x 10 (mono)
ADDITIONAL FEATURES
Special Characteristics
4K Interface; AMX Beacon; Built-in Display/Multiscreen Splitter; Cinema Quality Picture (CQP) Processing for best image quality;
Crestron RoomView; DICOM Simulation; Digital 3D Reform™; Direct Power-Off Function; Edge Blending Function (Build In); Free Tilt;
Full 3D HDMI Support; Geometric Correction; HDBaseT; Keystone Correction (H=±40°, V=±40°); LAN; Lens Shift (vertical +0.5 max/-0.1
max, horizontal ± 0.3 max.); Manual Wall Color Correction; Multi-Screen compensation mode; NaViSet Administrator 2; Optional User
Logo; OSD with 27 languages; Password Security System; PIP/Side by Side, HDMI - Input; PJ LINK; Portrait Setting; RS-232 Control;
Stacking Function; Timer-Function; Virtual Remote for direct PC control
GREEN FEATURES
Energy Efficiency
Intelligent Power Management; Less than 0.16W Stand-By power
Ecological Materials
100% recyclable packaging; Downloadable manuals; Unique NEC NeCycle Bio-Plastic cable cover option
Ecological Standards
ErP compliant
WARRANTY
Projectors
5 years conditional warranty
Lamp
6 months, max. 2000 hrs
SHIPPING CONTENT
Shipping Contents
IR Remote Control (RD - 466E); Network Set-up Guide; Power Cord; Projector; Quick Setup Guide; Users Manual on CD-ROM
OPTIONAL ACCESSORIES
Optional Accessories
Cable Cover (NP04CV); Lamp (NP26LP); Wireless LAN module (NP02LM2);Universal Ceiling Mounts (PROJBUN1E/1S/2S/3S);
Lenses
NP11FL (0.8:1); NP12ZL (1.19-1.56:1); NP13ZL (1.5-3.02:1); NP14ZL (2.97-4.79:1); NP15ZL (4.7-7.2:1); NP30ZL (0.79-1.03:1)
1
Compliance with ISO21118-2005
Corporate Headquarters (Japan)
NEC Corporation
www.nec.com
Oceania (Australia)
NEC Australia Pty Ltd
www.au.nec.com
North America (USA)
NEC Corporation of America
www.necam.com
Asia
NEC Corporation
www.nec.com
Europe (EMEA)
NEC Unified Solutions
www.nec-unified.com
Product | v1.22.12.2014
For more information, visit www.au.nec.com , email contactus@nec.com.au or call 131 632
About NEC Australia Pty Ltd. NEC Australia is a leading technology company, delivering a complete portfolio of ICT solutions and services to large enterprise, small business
and government organisations. We deliver innovative solutions to help customers gain greater business value from their technology investments.
NEC Australia specialises in information and communications technology solutions and services in multi-vendor environments. Solutions and services include: IT applications
and solutions development, unied communications, complex communications solutions, network solutions, display solutions, identity management, research and development
services, systems integration and professional, technical and managed services.
NEC Australia Pty Ltd reserves the right to change product specifications, functions, or features, at any time, without notice. Please refer to your local NEC representatives for further details. Although all efforts have
been made to ensure that the contents are correct, NEC shall not be liable for any direct, indirect, consequential or incidental damages resulting from the use of the equipment, manual or any related materials.
The information contained herein is the property of NEC Australia Pty Ltd and shall not be reproduced without prior written approval from NEC Australia Pty Ltd.
Copyright © 2015 NEC Australia Pty Ltd. All rights reserved. NEC, NEC logo, and UNIVERGE are trademarks or registered
trademarks of NEC Corporation that may be registered in Japan and other jurisdictions. All other trademarks are the
property of their respective owners. All rights reserved. Printed in Australia. Note: This disclaimer also applies to
all related documents previously published.


Similar Part No. - PA522UG

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA52 APEX-PA52 Datasheet
210Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
PA52 CIRRUS-PA52 Datasheet
206Kb / 4P
   Power Operational Amplifiers
logo
List of Unclassifed Man...
PA52 ETC-PA52 Datasheet
1Mb / 11P
   Power Operational Amplifiers
Aug 2015
PA52-PP ETC2-PA52-PP Datasheet
36Kb / 1P
   52 pin PLCC socket/52 pin PLCC plug
PA52-PZP ETC2-PA52-PZP Datasheet
36Kb / 1P
   52 pin PLCC socket/52 pin PLCC plug
More results

Similar Description - PA522UG

ManufacturerPart #DatasheetDescription
logo
NEC
PA671WG NEC-PA671WG Datasheet
585Kb / 2P
   NEC Professional Installation Projector
PA572WG NEC-PA572WG Datasheet
593Kb / 2P
   NEC Professional Installation Projector
PA621UG NEC-PA621UG Datasheet
584Kb / 2P
   NEC Professional Installation Projector
PA600XG NEC-PA600XG Datasheet
834Kb / 2P
   NEC PA600XG Professional Installation Projector
PH1000UG NEC-PH1000UG Datasheet
985Kb / 2P
   NEC PH1000UG Professional Installation Projector
PA500UG NEC-PA500UG Datasheet
864Kb / 2P
   NEC PA500UG Professional Installation Projector
PA500XG NEC-PA500XG Datasheet
804Kb / 2P
   NEC PA500XG Professional Installation Projector
PA550WG NEC-PA550WG Datasheet
834Kb / 2P
   NEC PA550WG Professional Installation Projector
P502WG NEC-P502WG Datasheet
596Kb / 2P
   NEC Professional Projector
P451XG NEC-P451XG Datasheet
736Kb / 2P
   NEC P451XG Professional Projector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com