Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4987Cxx50 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4987Cxx50
Description  Dropout control flag
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4987Cxx50 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4987Cxx50 Datasheet HTML 4Page - STMicroelectronics L4987Cxx50 Datasheet HTML 5Page - STMicroelectronics L4987Cxx50 Datasheet HTML 6Page - STMicroelectronics L4987Cxx50 Datasheet HTML 7Page - STMicroelectronics L4987Cxx50 Datasheet HTML 8Page - STMicroelectronics L4987Cxx50 Datasheet HTML 9Page - STMicroelectronics L4987Cxx50 Datasheet HTML 10Page - STMicroelectronics L4987Cxx50 Datasheet HTML 11Page - STMicroelectronics L4987Cxx50 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Typical characteristics
L4987Cxx
8/16
5
Typical characteristics
(Unless otherwise specified TJ = 25°C, CI = CO = 0.1 µF)
Figure 3.
Output and flag voltage vs input
voltage
Figure 4.
Output voltage vs input voltage
Figure 5.
Output and flag voltage vs input
voltage
Figure 6.
Output voltage vs input voltage
Figure 7.
Output and flag voltage vs inp. volt. Figure 8.
Output voltage vs input voltage


Similar Part No. - L4987Cxx50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4987CPT120 STMICROELECTRONICS-L4987CPT120 Datasheet
94Kb / 11P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
October 1998
L4987CPT30 STMICROELECTRONICS-L4987CPT30 Datasheet
94Kb / 11P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
October 1998
L4987CPT50 STMICROELECTRONICS-L4987CPT50 Datasheet
94Kb / 11P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
October 1998
L4987CPT87 STMICROELECTRONICS-L4987CPT87 Datasheet
94Kb / 11P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
October 1998
More results

Similar Description - L4987Cxx50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4987 STMICROELECTRONICS-L4987 Datasheet
94Kb / 11P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
October 1998
logo
Semtech Corporation
SC1457 SEMTECH-SC1457 Datasheet
218Kb / 13P
   150mA Ultra Low Dropout Regulator with Undervoltage Flag
logo
Gamma Microelectronics ...
GM4275 GAMMA-GM4275 Datasheet
166Kb / 7P
   WIDE INPUT RANGE 5V LOW DROPOUT REGULATOR WITH RESET FLAG
logo
Texas Instruments
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512 NSC-LP38512_09 Datasheet
366Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512-18 TI1-LP38512-18_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI-LP38511_15 Datasheet
1Mb / 20P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com