Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L7987
Description  Adjustable current limitation
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L7987 Datasheet HTML 6Page - STMicroelectronics L7987 Datasheet HTML 7Page - STMicroelectronics L7987 Datasheet HTML 8Page - STMicroelectronics L7987 Datasheet HTML 9Page - STMicroelectronics L7987 Datasheet HTML 10Page - STMicroelectronics L7987 Datasheet HTML 11Page - STMicroelectronics L7987 Datasheet HTML 12Page - STMicroelectronics L7987 Datasheet HTML 13Page - STMicroelectronics L7987 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical characteristics
L7987
10/37
DocID025589 Rev 3
VPGDLOW PGOOD low level
IPGD = 1 mA, VFB = GND
30
mV
IPGDLKG PGOOD leakage current
VPGOOD = 61 V;VFB = 0.8 V
0.1
A
Thermal shutdown
TSHDWN Thermal shutdown temperature
(3)
170
°C
THYS
Thermal shutdown hysteresis
(3)
15
°C
1. Specifications referred to TJ from -40 to +125 °C. Specifications in the -40 to +125 °C temperature range are assured by
design, characterization and statistical correlation.
2. Parameter tested in static condition during testing phase. Parameter value may change over dynamic application condition.
3. Not tested in production.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit


Similar Part No. - L7987

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7987L STMICROELECTRONICS-L7987L Datasheet
2Mb / 41P
   Adjustable current limitation
January 2016 Rev 3
More results

Similar Description - L7987

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7987L STMICROELECTRONICS-L7987L Datasheet
2Mb / 41P
   Adjustable current limitation
January 2016 Rev 3
logo
EPCOS
B44066T0100E400 EPCOS-B44066T0100E400 Datasheet
48Kb / 4P
   Current limitation reactor
logo
STMicroelectronics
STEVAL-IFP010V1 STMICROELECTRONICS-STEVAL-IFP010V1 Datasheet
163Kb / 6P
   Current limitation
EV-VN7004CLH STMICROELECTRONICS-EV-VN7004CLH Datasheet
300Kb / 8P
   Load current limitation
A7987 STMICROELECTRONICS-A7987 Datasheet
2Mb / 36P
   61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
DS12928 - Rev 3 - September 2020
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
STMicroelectronics
STEVAL-ISF003V1 STMICROELECTRONICS-STEVAL-ISF003V1 Datasheet
325Kb / 6P
   Low standby losses power front-end with inrush current-limitation
June 2016 Rev 1
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833_10 Datasheet
719Kb / 27P
   Built-in 5V/3.3V Voltage Regulator with Current Limitation
U2010B ATMEL-U2010B_10 Datasheet
1Mb / 18P
   Programmable Load-current Limitation with Over- and High-load Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com